Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2716 Datasheet(PDF) 21 Page - Injoinic Technology Co.,Ltd.

Part # IP2716
Description  Integrated USB TYPE-C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2716 Datasheet(HTML) 21 Page - Injoinic Technology Co.,Ltd.

Back Button IP2716 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
IP2716
V1.1
Email: service@injoinic.com
21 / 23
Copyright © 2014, Injoinic Corp.
position 信息(REG41),最后把 AUTO_REQUEST bit 清零并把 MANAUL_REQUEST bit 置 1。当新的请求成功后,
MANAUL_REQUESET bit 会自动清零。
6.3 可编程控制供电 (PPS)
Source 支持的可编程电压电流如表 11。
表 11. 标准的电压与电流
Power (W)
Current at 5V
(A)
Current at 9V
(A)
Current at 12V
(A)
Current at 15V
(A)
Current at 20V
(A)
0 ≤ x ≤ 15
x ÷5
x ÷9
x ÷12
x ÷15
x ÷20
15 ≤ x ≤ 27
3
x ÷9
x ÷12
x ÷15
x ÷20
27 ≤ x ≤ 36
3
3
x ÷12
x ÷15
x ÷20
36 ≤ x ≤ 45
3
3
3
x ÷15
x ÷20
45 ≤ x ≤ 60
3
3
3
3
x ÷20
在 Source 状态下, IP2716 提供了一个灵活的功率限制机制,可以自动配置任意的恒流点,实时适配总功率
限制,图 10 描述了恒功率的电压与电流。
I
Constant
Power Point
20V
V
12V
4V
5V
3A max
图 10. 恒功率的电压与电流
恒流点会根据 PLIM 或者 REG42 中的 Power limit (当 POWER_CTL bit= 1) 自动设置。当输出电流上升且达到最
大功率限制,输出电压会降低以限制输出功率。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com