Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJSLC05 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSLC05
Description  ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSLC05 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSLC05 Datasheet HTML 1Page - Pan Jit International Inc. PJSLC05 Datasheet HTML 2Page - Pan Jit International Inc. PJSLC05 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-DEC.02.2004
DATA SHEET
PJSLC05
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
VOLTAGE
5 Volts
400mWatts
FEATURES
This Transient Overvoltage Suppressor is intended to Protect Sensitive
Equipment against Electrostatic Discharge events as well to offer a
Minimum Insertion Loss in Data Transmission Lines in Communications
Ports used in Portable Consumer, Computing and Networking Applications
Pb free product are available : 99% Sn above can meet Rohs environment
substance directive request
MECHANICALDATA
Case: SOT-23 plastic case.
Terminals : Solderable per MIL-STD-202G,Method 208
Standard packaging: 8mm tape
Weight: approximately 0.008g
POWER
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS Tj = 25
oC
Parmeter
Symbol
Units
Peak Pulse Power 8 × 20 usec Waveform
PPK
W
Peak Pulse Current 8 × 20 ge usec Waveform
IPP
A
ESD Voltage (HBM)
VESD
KV
Operating Temperature
TL
Storage Temperature
TSTG
-50 to +125
-50 to +150
value
400
17
>25
Parmeter
Symbol
Conditions
Min
Typical
Max.
Units
Reverse Stand-Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
IBR = 1mA
6
Reverse Leakage Current
IR
VRRM = 5V
5
UA
Clamping Voltage
VC
IPP = 1A
9.5
A
Clamping Voltage
VC
8 × 20 usec
12
V
Maximum Peak Pulse Curent
IPP
8 × 20 usec
Waveform
17
A
Junction Capacitance (Terminals 1-2)
CJ
0Vdc, 1MHz
12
Pf


Similar Part No. - PJSLC05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSLC05 PANJIT-PJSLC05 Datasheet
86Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05 PANJIT-PJSLC05 Datasheet
333Kb / 5P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC054 PANJIT-PJSLC054 Datasheet
114Kb / 4P
LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES
PJSLC05C-02 PANJIT-PJSLC05C-02 Datasheet
112Kb / 3P
LOW CAPACITANCE SINGLE TVS 200W FOR HIGH SPEED DATA LINES
PJSLC05 PANJIT-PJSLC05_06 Datasheet
86Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
More results

Similar Description - PJSLC05

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ULCE EIC-ULCE Datasheet
56Kb / 3P
ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
MR2520L ONSEMI-MR2520L Datasheet
67Kb / 8P
Overvoltage Transient Suppressor
December, 2002 - Rev. 1
TRA2532 ONSEMI-TRA2532 Datasheet
61Kb / 8P
Overvoltage Transient Suppressor
October, 2000 ??Rev. 1
MR2835SK ONSEMI-MR2835SK Datasheet
74Kb / 5P
Overvoltage Transient Suppressor
July, 2006 ??Rev. 4
MR2520L ONSEMI-MR2520L_06 Datasheet
71Kb / 6P
Overvoltage Transient Suppressor
June, 2006 ??Rev. 3
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05 Datasheet
71Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
logo
Central Semiconductor C...
CFTVS5V0BULC CENTRAL-CFTVS5V0BULC Datasheet
1Mb / 6P
ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
ULCE6.5A SUNMATE-ULCE6.5A Datasheet
389Kb / 3P
ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Thinki Semiconductor Co...
GBLC03C THINKISEMI-GBLC03C Datasheet
3Mb / 4P
Ultra Low Capacitance Transient Voltage Suppressor Arrays
logo
Rectron Semiconductor
ESD5.0LM9 RECTRON-ESD5.0LM9 Datasheet
125Kb / 3P
Ultra Low Capacitance of Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com