Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8P2740 Datasheet(PDF) 21 Page - SONiX Technology Company

Part # SN8P2740
Description  ADC, OP-amp, Comparator 8-Bit Micro-Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2740 Datasheet(HTML) 21 Page - SONiX Technology Company

Back Button SN8P2740 Datasheet HTML 17Page - SONiX Technology Company SN8P2740 Datasheet HTML 18Page - SONiX Technology Company SN8P2740 Datasheet HTML 19Page - SONiX Technology Company SN8P2740 Datasheet HTML 20Page - SONiX Technology Company SN8P2740 Datasheet HTML 21Page - SONiX Technology Company SN8P2740 Datasheet HTML 22Page - SONiX Technology Company SN8P2740 Datasheet HTML 23Page - SONiX Technology Company SN8P2740 Datasheet HTML 24Page - SONiX Technology Company SN8P2740 Datasheet HTML 25Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
SN8P2740 Series
ADC, OP-amp, Comparator 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 21
Version 2.0
2.2 DATA MEMORY (RAM)
128 X 8-bit RAM
Address
RAM Location
BANK 0
000h
General Purpose Area
RAM Bank 0
“
“
“
07Fh
080h
System Register
080h~0FFh of Bank 0 store system
registers (128 bytes).
“
“
“
0FFh
End of Bank 0
The 128-byte general purpose RAM is in Bank 0. Sonix provides
“Bank 0” type instructions (e.g. b0mov, b0add, b0bts1,
b0bset
…) to control Bank 0 RAM in non-zero RAM bank condition directly.
2.2.1 SYSTEM REGISTER
2.2.1.1
SYSTEM REGISTER TABLE
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
8
L
H
R
Z
Y
-
PFLAG
-
-
-
-
-
-
-
-
-
9
-
-
-
-
-
-
-
-
-
-
CMDB0 CMDB1 CM0M
CM1M
CM2M
OPM
A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
P4CON
-
B
-
ADM
ADB
ADR
ADT
-
-
-
P0M
-
-
-
-
-
-
PEDGE
C P1W
P1M
-
-
P4M
-
-
-
INTRQ
INTEN
OSCM
-
WDTR
TC0R
PCL
PCH
D
P0
P1
-
-
P4
-
-
-
T0M
T0C
TC0M
TC0C
BZM
-
-
STKP
E P0UR
P1UR
-
-
P4UR
-
@HL
@YZ
TC0D
-
-
-
-
-
-
-
F STK7L STK7H
STK6L
STK6H STK5L STK5H
STK4L
STK4H
STK3L STK3H STK2L STK2H STK1L STK1H STK0L STK0H
2.2.1.2
SYSTEM REGISTER DESCRIPTION
H, L = Working, @HL addressing register.
Y, Z = Working, @YZ and ROM addressing register.
R = Working register and ROM look-up data buffer.
PFLAG = Special flag register.
CMDB0 = Comparator output de-bounce control register 0.
CMDB1 = Comparator output de-bounce control register 1.
CM0M = Comparator 0 mode register.
CM1M = Comparator 1 mode register.
CM2M = Comparator 2 mode register.
OPM = OP amp 0~2 mode register.
P4CON = P4 configuration register.
ADM = ADC mode register.
ADB = ADC data buffer.
ADR = ADC resolution select register.
ADT = ADC offset calibration register.
PEDGE = P0.0, P0.1, P0.2 edge direction register.
INTRQ = Interrupt request register.
INTEN = Interrupt enable register.
OSCM = Oscillator mode register.
WDTR = Watchdog timer clear register.
PnM = Port n input/output mode register.
Pn = Port n data buffer.
PnUR = Port n pull-up resister control register.
PCH, PCL = Program counter.
T0M = T0 mode register.
T0C = T0 counting register.
TC0M = TC0 mode register.
TC0C = TC0 counting register.
TC0R = TC0 auto-reload data buffer.
TC0D = TC0 duty control register.
BZM = 2K/4K buzzer mode register.
@HL = RAM HL indirect addressing index pointer.
@YZ = RAM YZ indirect addressing index pointer.
STKP = Stack pointer buffer.
STK0~STK7 = Stack 0 ~ stack 7 buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com