Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8211FDI-CG Datasheet(PDF) 33 Page - Realtek Semiconductor Corp.

Part # RTL8211FDI-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FDI-CG Datasheet(HTML) 33 Page - Realtek Semiconductor Corp.

Back Button RTL8211FDI-CG Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 30Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 32Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 33Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 37Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
26
Track ID: JATR-8275-15 Rev. 1.1
7.14. LED Configuration
7.14.1. Customized LED Function
The RTL8211F(I)/RTL8211FD(I) supports three LED pins, suitable for multiple types of applications that
can directly drive the LEDs. The output of these pins is determined by setting the corresponding bits in
Page 0xd04 Register 16. The functionality of the RTL8211F(I)/RTL8211FD(I) LEDs is shown in Table 15.
Table 15. LED Default Definitions
Pin
Description
LED0
10M Link and Active (Transmitting or Receiving)
LED1
100M Link and Active (Transmitting or Receiving)
LED2
1000M Link and Active (Transmitting or Receiving)
The LED pins can be customized from Page 0xd04 Register 16. To change the register page, see note
(below) and Table 16 LED Register Table. There are 16 configuration types (see Table 17 LED
Configuration Table, page 27).
Note: To switch to Page 0xd04, set Register 31 Data=0x0d04 (set page). After LED setting, switch to PHY`s
Page 0 (Register 31 Data=0x0000).
Table 16. LED Register Table
LINK Speed
Active (Tx/Rx)
10Mbps
100Mbps
1000Mbps
LED0
Reg16 Bit0
Reg16 Bit1
Reg16 Bit3
Reg16 Bit4
LED1
Reg16 Bit5
Reg16 Bit6
Reg16 Bit8
Reg16 Bit9
LED2
Reg16 Bit10
Reg16 Bit11
Reg16 Bit13
Reg16 Bit14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com