| Electronic Components Datasheet Search |
|
EPCQ64 Datasheet(PDF) 44 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
EPCQ64 Datasheet(HTML) 44 Page - Intel Corporation |
|
44 / 48 page ![]() 1.11.2. Pin-Out Diagram for EPCQ64, EPCQ128, EPCQ256, and EPCQ512/A Devices Figure 25. AS x1 and AS x4 Pin-Out Diagrams for EPCQ64, EPCQ128, EPCQ256, and EPCQ512/A Devices VCC VCC N.C N.C N.C nCS DATA1 DCLK DATA0 N.C. N.C N.C N.C GND VCC 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 N.C DATA3 VCC N.C N.C N.C nCS DATA1 DCLK DATA0 N.C. N.C N.C N.C GND DATA2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 N.C AS x1 AS x4 Notes: N.C pins must be left unconnected. 1.11.3. EPCQ Device Pin Description Table 35. EPCQ Device Pin Description Pin Nam e AS x1 Pin-Out Diagram AS x4 Pin-Out Diagram Pin Type Description Pin Number in 8-Pin SOIC Package Pin Number in 16- Pin SOIC Package Pin Number in 8-Pin SOIC Package Pin Number in 16- Pin SOIC Package DAT A0 5 15 5 15 I/O For AS x1 mode, use this pin as an input signal pin to write or program the EPCQ device. During write or program operations, the data is latched on the rising edge of the DCLK signal. For AS x4 mode, use this pin as an I/O signal pin. During write or program operations, this pin acts as an input pin that serially transfers data into the EPCQ device. The data is latched on the rising edge of the DCLK signal. During read or configuration operations, this pin acts as an output signal pin that serially transfers data out of the EPCQ device to the FPGA. The data is shifted out on the falling edge of the DCLK signal. During the extended quad input fast write bytes or extended dual input fast write bytes operations, this pin acts as an input pin that serially transfers data into the EPCQ device. The data is latched on the rising edge of the DCLK signal. During extended dual input fast read or extended quad input fast read operations, this pin acts as an output signal pin continued... 1. Quad-Serial Configuration (EPCQ) Devices Datasheet CF52012 | 2018.06.01 Quad-Serial Configuration (EPCQ) Devices Datasheet 44 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |