Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5718ACGS Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD5718ACGS
Description  Primary-Side Quasi-Resonant Controller,Operating in CV/CC Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5718ACGS Datasheet(HTML) 3 Page - Leadtrend Technology

  LD5718ACGS Datasheet HTML 1Page - Leadtrend Technology LD5718ACGS Datasheet HTML 2Page - Leadtrend Technology LD5718ACGS Datasheet HTML 3Page - Leadtrend Technology LD5718ACGS Datasheet HTML 4Page - Leadtrend Technology LD5718ACGS Datasheet HTML 5Page - Leadtrend Technology LD5718ACGS Datasheet HTML 6Page - Leadtrend Technology LD5718ACGS Datasheet HTML 7Page - Leadtrend Technology LD5718ACGS Datasheet HTML 8Page - Leadtrend Technology LD5718ACGS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LD5718AC
09/22/2016
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5718AC-DS-00 September 2016
Pin Configuration
YY:
Year code (D:2004, E2005
…)
WW:
Week code
PP:
Production code
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
SOP-8 (TOP VIEW)
Ordering Information
Part number
Max. output
current limit ratio
Min.
Frequency
Max.
Frequency
Package
Top Mark
Shipping
LD5718AC GS
5V
×1
800Hz
100kHz
SOP-8
LD5718ACGS
2500 /tape & reel
9V
×1
12V
×1
The LD5718AC series are ROHS compliant/ Green Packaged.
Protection Mode
Pin Descriptions
Part number
VCC_OVP
UVP
OSCP
OTP
LD5718AC
Auto
Auto
Auto
Auto
Pin
NAME
FUNCTION
1
ST
HV startup driver
2
COMP
Output of the error amplifier for voltage compensation
3
FB
(1) Output Voltage Feedback, (2)QRD Detection
4
OPTO/OTP
(1) External OTP, (2)Output Regulation Setting Interface
5
CS
Current Sense Pin, connect to sense the MOSFET current
6
OUT
Gate Driver
7
GND
Ground
8
VCC
Supply voltage pin with OVP function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com