Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BME680 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 35Page - Bosch Sensortec GmbH BME680 Datasheet HTML 36Page - Bosch Sensortec GmbH BME680 Datasheet HTML 37Page - Bosch Sensortec GmbH BME680 Datasheet HTML 38Page - Bosch Sensortec GmbH BME680 Datasheet HTML 39Page - Bosch Sensortec GmbH BME680 Datasheet HTML 40Page - Bosch Sensortec GmbH BME680 Datasheet HTML 41Page - Bosch Sensortec GmbH BME680 Datasheet HTML 42Page - Bosch Sensortec GmbH BME680 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Bosch Sensortec | BME680 Datasheet
39 | 50
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-00 Revision_1.0_072017
6.4.2 I²C timings
For I²C timings, the following abbreviations are used:
“S&F mode” = standard and fast mode
“HS mode” = high speed mode
Cb = bus capacitance on SDA line
All other naming refers to I²C specification 2.1 (January 2000).
The I²C timing diagram is in Picture 9. The corresponding values are given in Table 18
tHDDAT
tf
tBUF
SDI
SCK
SDI
tLOW
tHDSTA
tr
tSUSTA
tHIGH
tSUDAT
tSUSTO
Picture 9: I2C timing diagram
Table 18: I2C timings
Parameter
Symbol
Condition
Min
Typ
Max
Unit
SDI setup time
tSU;DAT
S&F Mode
HS mode
160
30
ns
ns
SDI hold time
tHD;DAT
S&F Mode, Cb≤100 pF
S&F Mode, Cb≤400 pF
HS mode, Cb≤100 pF
HS mode, Cb≤400 pF
80
90
18
24
115
150
ns
ns
ns
ns
SCK low pulse
tLOW
HS mode, Cb≤100 pF
VDDIO = 1.62 V
160
ns
SCK low pulse
tLOW
HS mode, Cb≤100 pF
VDDIO = 1.2 V
210
ns
The above-mentioned I2C specific timings correspond to the following internal added delays:
Input delay between SDI and SCK inputs: SDI is more delayed than SCK by typically 100 ns in Standard and Fast
Modes and by typically 20 ns in High Speed Mode.
Output delay from SCK falling edge to SDI output propagation is typically 140 ns in Standard and Fast Modes and
typically 70 ns in High Speed Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com