Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMM150 Datasheet(PDF) 45 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 45 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 41Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 42Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 43Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 44Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 45Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 46Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 47Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 48Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 49Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 45
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
8. Package
Original drawing?
8.1 Outline dimensions
The sensor housing is 12 pin chip scale wafer level package (1.56 × 1.56 × 0.6 mm3). Its
dimensions are the following:
Figure 20: Package outline dimensions in µm
Bottom view
(Bumps visible)
TOP view
(Bumps not visible)
Side view
400
195
A1 corner
566
283
283
283
283
VDD
GND
CSB
SDI
GND
SCK
INT
VDDIO
GND
SDO
PS
DRY
1560 ± 30
1
2
3
4
5
A
B
C
D
E
566
283
283
283
283
VDD
GND
CSB
SDI
GND
SCK
INT
VDDIO
GND
SDO
PS
DRY
1560 ± 30
5
4
3
2
1
A
B
C
D
E
A1 corner
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com