Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP280 Datasheet(PDF) 28 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 28 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 32Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 28
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
5. Digital interfaces
The BMP280 supports the I²C and SPI digital interfaces; it acts as a slave for both protocols. The
I²C interface supports the Standard, Fast and High Speed modes. The SPI interface supports
both SPI mode ‘00’ (CPOL = CPHA = ‘0’) and mode ‘11’ (CPOL = CPHA = ‘1’) in 4-wire and 3-
wire configuration.
The following transactions are supported:
 Single byte write
 multiple byte write (using pairs of register addresses and register data)
 single byte read
 multiple byte read (using a single register address which is auto-incremented)
5.1 Interface selection
Interface selection is done automatically based on CSB (chip select) status. If CSB is connected
to VDDIO, the I²C interface is active. If CSB is pulled down, the SPI interface is activated. After CSB
has been pulled down once (regardless of whether any clock cycle occurred), the I²C interface is
disabled until the next power-on-reset. This is done in order to avoid inadvertently decoding SPI
traffic to another slave as I²C data. Since power-on-reset is only executed when both VDD and
VDDIO are established, there is no risk of incorrect protocol detection due to power-up sequence
used. However, if I²C is to be used and CSB is not directly connected to VDDIO but rather through
a programmable pin, it must be ensured that this pin already outputs the VDDIO level during power-
on-reset of the device. If this is not the case, the device will be locked in SPI mode and not respond
to I²C commands.
5.2 I²C Interface
The I²C slave interface is compatible with Philips I²C Specification version 2.1. For detailed timings
refer to Table 27. All modes (standard, fast, high speed) are supported. SDA and SCL are not
pure open-drain. Both pads contain ESD protection diodes to VDDIO and GND. As the devices
does not perform clock stretching, the SCL structure is a high-Z input without drain capability.
GND
VDDIO
output driver (only for SDI)
SDI /SCL
high-z level shifter
GND
Figure 6: SDI/SCK ESD drawing
The 7-bit device address is 111011x. The 6 MSB bits are fixed. The last bit is changeable by SDO
value and can be changed during operation. Connecting SDO to GND results in slave address
1110110 (0x76); connection it to VDDIO results in slave address 1110111 (0x77), which is the same



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com