| Electronic Components Datasheet Search |
|
LD7516CGL Datasheet(PDF) 8 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD7516CGL Datasheet(HTML) 8 Page - Leadtrend Technology |
|
8 / 14 page ![]() LD7516C 08/31/2016 8 Leadtrend Technology Corporation www.leadtrend.com.tw LD7516C-DS-01 August 2016 Application Information Operation Overview The LD7516C is an excellent primary side feedback controller with Quasi-Resonant operation to provide high efficiency. The LD7516C removes the need for secondary feedback circuits while achieving excellent line and load regulation. It meets the green-power requirement and is intended for the use in those modern switching power suppliers and linear adaptors that demand higher power efficiency and power-saving. It integrates with more functions to reduce the external components counts and the size. Major features are described as below. Under Voltage Lockout (UVLO) An UVLO comparator is implemented in it to detect the voltage across VCC pin. It would assure the supply voltage enough to turn on the LD7516C and further to drive the power MOS. As shown in Fig. 11, a hysteresis is built in to prevent shutdown from voltage dip during startup. Vcc UVLO(on) UVLO(off) t t I(Vcc) operating current (~ mA) startup current (~µA) Fig. 11 Startup Current and Startup Circuit The typical startup circuit to generate VCC of the LD7516C is shown in Fig. 12. At startup transient, the VCC is below the UVLO(on) threshold, so there ’s no pulse delivered out from LD7516C to drive the power MOS. Therefore, the current through R1 will be used to charge the capacitor C1. Until the VCC is fully charged to deliver the drive-out signal, the auxiliary winding of the transformer will provide supply current. Lower startup current requirement on the PWM controller will help to increase the value of R1 and then reduce the power consumption on R1. By using CMOS process and some unique circuit design, the LD7516C requires only 1.9 A max to start up. Higher resistance of R1 will spend much more time to start up. The user is recommended to select proper value of R1 and C1 to optimize the power consumption and startup time. EMI Filter R1 OUT CS VCC GND LD7516C AC Input C1 Cbulk D1 Fig. 12 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |