Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8116C Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD8116C
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116C Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD8116C Datasheet HTML 5Page - Leadtrend Technology LD8116C Datasheet HTML 6Page - Leadtrend Technology LD8116C Datasheet HTML 7Page - Leadtrend Technology LD8116C Datasheet HTML 8Page - Leadtrend Technology LD8116C Datasheet HTML 9Page - Leadtrend Technology LD8116C Datasheet HTML 10Page - Leadtrend Technology LD8116C Datasheet HTML 11Page - Leadtrend Technology LD8116C Datasheet HTML 12Page - Leadtrend Technology LD8116C Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LD8116C
05/05/2018
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116C-DS-00 May 2018
faster than 3 V/μs through 1.2V to 3.2V and continuous
8 cycles become into PWM dimming mode. If PWM
rising slew rate of DIM pin is larger than 3 V/μs, ICs will
reset cycles counter. Once into PWM dimming mode, it
will keep dimming mode until VCC is reset by UVLO_off.
Potentiometer Dimming
When DIM pin is connected a potentiometer to GND,
bias current source of DIM pin is pass thought this
potentiometer then cause a DC voltage potential on DIM
pin , LD8116C will transfer to PWM signal output on
OUT pin. The frequency of PWM signal on OUT pin is
1.5kHz around.
Internal Over Temperature Protection
When internal over temperature protection is occur
(135
C typ.). The OUT pin of LD8116C is open drain
and auto-recovery after thermal down to normal
operating temperature.
Optocupler Selection Guide
LD8116C converts an analog dimming signal into a
PWM waveform. In the majority of applications the
dimming signal needs to be isolated from the rest of the
application and an optocoupler is used to implement
either functional or reinforced isolation. Optocouplers
are an excellent choice since they are very cost effective
but nevertheless able to comply with virtually all safety
standards. The most common and cost effective
optocouplers are four-pin devices consisting of a LED
and a photosensitive BJT. With four pin devices only
collector and emitter of the BJT are connected to pins.
This limits device performance, especially switching
times, as will be discussed later. Six-pin devices having
the base of the BJT as well connected to a pin are seen
less often. With these six-pin devices bandwidth of the
transmission can be improved if necessary. Finally there
are high-speed digital couplers available that are
designed for very high data rates and offer a buffered
output with a nearly perfect PWM signal. While offering
superior
performance
high
speed
couplers
are
considerably more expensive than simple LED-BJT
couplers.
There are two parameters of an optocoupler that are
most important for use with LD8116C: the current
transfer ratio CTR and the switching times Tr and Tf.
A typical plot of Tr and Tf vs, RL taken from the data
sheet of a widely used 4-pin optocoupler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com