Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5993 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5993
Description  For power amplification For TV VM circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5993 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5993 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5993 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5993 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: July 2004
SJD00320AED
2SC5993
Silicon NPN epitaxial planar type
For power amplification
For TV VM circuit
■ Features
• Satisfactory linearity of forward current transfer ratio h
FE
• High transition frequency (f
T)
• Full-pack package which can be installed to the heat sink with one
screw.
■ Absolute Maximum Ratings T
C
= 25°C
■ Electrical Characteristics T
C = 25°C ± 3°C
1.4±0.2
1.6±0.2
0.8±0.1
0.55±0.15
2.54±0.30
5.08±0.50
12
3
2.6±0.1
2.9±0.2
4.6±0.2
φ 3.2±0.1
9.9±0.3
Unit: mm
1: Base
2: Collector
3: Emitter
TO-220D-A1 Package
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
180
V
Collector-emitter voltage (Base open)
VCEO
180
V
Emitter-base voltage (Collector open)
VEBO
6V
Collector current
IC
1.5
A
Peak collector current
ICP
3A
Collector power dissipation
PC
20
W
Ta = 25°C
2.0
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = 10 mA, IB = 0
180
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 180 V, I
E
= 0
100
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 6 V, IC = 0
100
µA
Forward current transfer ratio *
hFE
VCE = 5 V, IC = 0.1 A
60
240
Collector-emitter saturation voltage
VCE(sat)
IC
= 1 A, I
B
= 0.1 A
0.5
V
Transition frequency
fT
VCE = 10 V, IC = 0.2 A, f = 10 MHz
130
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
10
pF
(Common base, input open circuited)
Turn-on time
ton
IC = 0.4 A, Resistance loaded
0.1
µs
Storage time
tstg
IB1
= 0.04 A, I
B2
= − 0.04 A
1.5
µs
Fall time
tf
VCC = 100 V
0.1
µs
Rank
Q
P
hFE
60 to 140
120 to 240
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Internal Connection
B
C
E


Similar Part No. - 2SC5993

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5993 ISC-2SC5993 Datasheet
247Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC5993 NJSEMI-2SC5993 Datasheet
125Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5993

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7158 NTE-NTE7158 Datasheet
28Kb / 2P
Integrated Circuit Deflection Circuit Power Amp for Color TV
logo
Panasonic Semiconductor
2SB0928 PANASONIC-2SB0928 Datasheet
74Kb / 3P
For Power Amplification
2SB0929 PANASONIC-2SB0929 Datasheet
75Kb / 3P
For Power Amplification
2SB0930 PANASONIC-2SB0930 Datasheet
75Kb / 3P
For Power Amplification
2SB0940 PANASONIC-2SB0940 Datasheet
74Kb / 3P
For Power Amplification
2SB1063 PANASONIC-2SB1063 Datasheet
73Kb / 3P
For High Power Amplification
2SB1169 PANASONIC-2SB1169 Datasheet
75Kb / 3P
For power amplification
2SB1470 PANASONIC-2SB1470 Datasheet
84Kb / 4P
For Power Amplification
2SB1623A PANASONIC-2SB1623A Datasheet
67Kb / 3P
For Power Amplification
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
VIDEO SWITCHING CIRCUIT FOR TV
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com