Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2003BDG Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P2003BDG
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P2003BDG Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  P2003BDG Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P2003BDG Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P2003BDG Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P2003BDG Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. P2003BDG Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
DEC-23-2004
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
P2003BDG
TO-252 (DPAK)
Lead-Free
NIKO-SEM
On-State Drain Current
1
ID(ON)
VDS = 10V, VGS = 10V
35
A
VGS = 4.5V, ID = 15A
23
31
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 15A
15.5
20
mΩ
Forward Transconductance
1
gfs
VDS = 15V, ID = 30A
14
28
S
DYNAMIC
Input Capacitance
Ciss
530
700
Output Capacitance
Coss
200
275
Reverse Transfer Capacitance
Crss
VGS = 0V, VDS = 25V, f = 1MHz
60
90
pF
Total Gate Charge
2
Qg
8.4
11
Gate-Source Charge
2
Qgs
2.5
3.1
Gate-Drain Charge
2
Qgd
VDS = 0.5V(BR)DSS, VGS = 10V,
ID = 15A
6.4
9.6
nC
Turn-On Delay Time
2
td(on)
6.2
9.3
Rise Time
2
tr
VDD = 15V
11
17
Turn-Off Delay Time
2
td(off)
ID ≅ 15A, VGS = 10V, RGS = 12.7Ω
23
34
Fall Time
2
tf
18
27
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
35
Pulsed Current
3
ISM
120
A
Forward Voltage
1
VSD
IF = IS, VGS = 0V
1.1
1.4
V
Reverse Recovery Time
trr
15
18
nS
Reverse Recovery Charge
Qrr
2
3
nC
1Pulse test : Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
REMARK: THE PRODUCT MARKED WITH “P2003BDG”, DATE CODE or LOT #
Orders for parts with Lead-Free plating can be placed using the PXXXXXXG parts name.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com