Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX710 Datasheet(PDF) 1 Page - Avia Semiconductor Co., Ltd.

Part # HX710
Description  24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVIA [Avia Semiconductor Co., Ltd.]
Direct Link  http://www.aviaic.com/ENDefault.aspx
Logo AVIA - Avia Semiconductor Co., Ltd.

HX710 Datasheet(HTML) 1 Page - Avia Semiconductor Co., Ltd.

  HX710 Datasheet HTML 1Page - Avia Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HX710
TEL:
(592) 252-9530 (P. R. China)
AVIA SEMICONDUCTOR
EMAIL: market@aviaic.com
24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
DESCRIPTION
Based on Avia Semiconductor’s patented
technology, HX710 is a precision 24-bit analog-
to-digital
converter
(ADC)
with
built-in
temperature sensor designed for weigh scales and
industrial control applications to interface directly
with a bridge sensor.
The input low-noise amplifier (PGA) has a
fixed gain of 128, corresponding to a full-scale
differential input voltage of ±20mV, when a 5V
reference voltage is connected to the VREF pin.
On chip oscillator provides the system clock
without any external component.
On-chip power-on-reset circuitry simplifies
digital
interface
initialization.
There
is
no
programming needed for the internal registers.
All controls to the HX710 are through the pins.
FEATURES
• On-chip temperature measurement
• On-chip active low noise amplifier with a gain of
128
• On-chip oscillator requiring no external
component
• On-chip power-on-reset
• Simple digital control and serial interface:
pin-driven controls, no programming needed
• Selectable 10SPS or 40SPS output data rate
• Simultaneous 50 and 60Hz supply rejection
• Current consumption:
normal operation < 1.2mA, power down < 1uA
• Operation supply voltage range: 2.6 ~ 5.5V
• Operation temperature range: -40 ~ +85℃
• 8 pin SOP-8 or DIP-8 package
Fig. 1 Typical weigh scale application block diagram
Charger
Battery
LED
Regulator
L1
LCD
4.7k
AVDD
DVDD
DOUT
PD_SCK
VREF
AGND
INN
INP
Loadcell
0.1u
1u
0.1u
Q1
0.1u
1k
1k
MCU
HX710
I/O
I/O
VDD
1u
I/O


Similar Part No. - HX710

ManufacturerPart #DatasheetDescription
logo
Avia Semiconductor Co.,...
HX710C AVIA-HX710C Datasheet
81Kb / 1P
24-Bit ADC with Built-in Load-cell Power Switch
More results

Similar Description - HX710

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7747 AD-AD7747 Datasheet
205Kb / 20P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
4/05-Revision 0
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Analog Devices
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
logo
Avia Semiconductor Co.,...
HX711 AVIA-HX711 Datasheet
268Kb / 9P
24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com