Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK3288 Datasheet(PDF) 40 Page - Rockchip Electronics Co., Ltd

Part # RK3288
Description  RK3288 are low power, high performance processor for mobile phones
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3288 Datasheet(HTML) 40 Page - Rockchip Electronics Co., Ltd

Back Button RK3288 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 44Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
RK3288 Datasheet
Rev 2.2
Copyright 2017 @Fuzhou Rockchip Electronics Co., Ltd.
40
Group
Ball #
Descriptions
GPU_VDD
M15,L16,L17,L18,L19,N16,N17,M16,M17,M18,M19,N1
8,N19
Internal GPU core Power Supply
DDR0_VDDAO
H14
DDR3 Digital IO Power Supply
LPDDR2/3 Digital IO Power Supply
DDR1_VDDAO
P8
DDR3 Digital IO Power Supply
LPDDR2/3 Digital IO Power Supply
DDR0_VDD
H9,J11,J12,J14,J15
DDR3 Digital IO Power Supply
LPDDR2/3 Digital IO Power Supply
DDR1_VDD
J8,L9,M9,P9,R9
DDR3 Digital IO Power Supply
LPDDR2/3 Digital IO Power Supply
PMU_VDD_1V0
M20
Internal PMU Domain Logic Power
Supply
PMUIO_VDD
P20
PMU Domain Digital IO Power
Supply
APIO1_VDD
L20
GPIO30 Digital IO Power Supply
APIO2_VDD
J20
GPIO1830 Digital IO Power Supply
LCDC_VDD
V20
LCDC Digital IO Power Supply
DVPIO_VDD
U20
DVP Digital IO Power Supply
FLASH0_VDD
Y9
Nand Flash0 Digital IO Power
Supply
FLASH1_VDD
V8
Nand Flash1 Digital IO Power
Supply
SDMMC0_VDD
AC9
SDMMC0 Digital IO Power Supply
APIO3_VDD
AA11
WIFI Digital IO Power Supply
APIO4_VDD
Y12
AUDIO Digital IO Power Supply
APIO5_VDD
Y11
BB Digital IO Power Supply
PLL_AVSS
P27
PLL Analog Ground
PLL_AVDD_1V0
P28
PLL Analog Power Supply
ADC_AVDD_1V8
R20
SAR-ADC/TSADC Analog Power
Supply
USB_AVDD_1V0
G18
USB OTG2.0/Host2.0 Digital Power
Supply
USB_AVDD_1V8
E21
USB OTG2.0/Host2.0 Analog Power
Supply
USB_AVDD_3V3
F20
USB OTG2.0/Host2.0 Analog Power
Supply
USB_AVSS
H18,C24,C26,B21
USB Analog Ground
EFUSE_VDDQ
P19
eFuse IO Digital Power Supply
USIC_VDD_1V2
H20
USIC 1.2V Transmitter Power
Supply
EDP_AVDD_1V0
Y17
eDP 1.0V Power Supply
EDP_AVDD_1V8
AA17
eDP 1.8V Power Supply
HDMI_AVDD_1V0
AA18
HDMI 1.0V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com