Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6212 Datasheet(PDF) 13 Page - VIA Technologies, Inc.

Part # VT6212
Description  PCI USB 2.0 Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6212 Datasheet(HTML) 13 Page - VIA Technologies, Inc.

Back Button VT6212 Datasheet HTML 9Page - VIA Technologies, Inc. VT6212 Datasheet HTML 10Page - VIA Technologies, Inc. VT6212 Datasheet HTML 11Page - VIA Technologies, Inc. VT6212 Datasheet HTML 12Page - VIA Technologies, Inc. VT6212 Datasheet HTML 13Page - VIA Technologies, Inc. VT6212 Datasheet HTML 14Page - VIA Technologies, Inc. VT6212 Datasheet HTML 15Page - VIA Technologies, Inc. VT6212 Datasheet HTML 16Page - VIA Technologies, Inc. VT6212 Datasheet HTML 17Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
VT6212 / VT6212L PCI USB2.0 Controller
Revision 1.06, December 7, 2005
-7-
Pin Descriptions
Power and Ground
Signal Name
Pin #
Power
Signal Description
VCC33
10, 18, 26, 34, 44, 52,
62, 101, 110, 120,
128
Digital I/O
Digital I/O Power. 3.3V ±100mV
VCC25
4, 35, 53, 115
Internal
Internal Logic Power. 2.5V ±5%
GND
5, 9, 17, 25, 33, 36,
43, 51, 54, 61, 100,
108, 114, 119, 127
Ground
Ground. Connect to primary PCB ground plane.
VCCSUS
70
Suspend
Suspend I/O Power. Connect to system 3.3V ±5% suspend power
for support of wakeup on USB incoming port activity.
GNDSUS
69
Suspend
Suspend I/O Ground. Connect to analog ground plane (connected
to primary PCB ground plane through ferrite beads for isolation
from digital switching noise). See Design Guide for details.
VCCUSB[4-1]
72, 76, 80, 84
USB Ports
USB Port Power. Connect to system 3.3V ±5% suspend power for
support of wakeup on USB incoming port activity.
GNDUSB[4-1]
75, 79, 83, 87
USB Ports
USB Port 1-4 Analog Ground. Connect to analog ground plane
(connected to primary PCB ground plane through ferrite beads for
isolation from digital switching noise).
See Design Guide for
details.
VCCPLL
91
PLL
PLL Digital Power. Connect to quiet 2.5V ±5% power source.
GNDPLL
92
PLL
PLL Digital Ground. Connect to analog ground plane (connected
to primary PCB ground plane through ferrite beads for isolation
from digital switching noise). See Design Guide for details.
VCCPLLA
89
PLL
PLL Analog Power. Connect to quiet 2.5V ±5% power source.
GNDPLLA
90
PLL
PLL Analog Ground. Connect to analog ground plane (connected
to primary PCB ground plane through ferrite beads for isolation
from digital switching noise). See Design Guide for details.
VCCOSC
96
OSC
Oscillator Power. Connect to quiet 2.5V ±5% power source.
GNDOSC
93
OSC
Oscillator Analog Ground.
Connect to analog ground plane
(connected to primary PCB ground plane through ferrite beads for
isolation from digital switching noise).
See Design Guide for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com