Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC89C52RC Datasheet(PDF) 90 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 90 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 86Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 87Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 88Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 89Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 90Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 91Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 92Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 93Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 94Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 165 page
background image
TMOD register : Timer/Counter Mode Control Register
GATE
C/T
M1
M0
GATE
C/T
M1
M0
(MSB)
(LSB)
Timer 1
Timer 0
GATE
Gating control when set. Timer/Counter "x" is enabled only while "INTx " pin is high and
"TRx"control pin is set.When cleared Timer "x" is enabled whenever "TRx" control bit is set.
C/T
Timer or Counter Selector cleared for Timer operation (input from internal system clock). Set for
Counter operation (input from "Tx" input pin).
M0
M1
Operating Mode
00
B-bit Timer/Counter "THx" with "TLx" as 5-bit prescaler.
01
16-bit Timer/Counter"THx"and"TLx"are cascaded;there is no prescaler
10
8-bit auto-reload Timer/Counter “THx” holds a value which is to be reloaded into “TLx”
each time it overflows.
11
(Timer 0) TL0 is an 8-bit Timer/Counter controlled by the standard Timer 0 control bits
TH0 is an 8-bit timer only controlled by Timer 1 control bits.
11
(Timer 1) Timer/Counter 1 stopped
TCON register: Timer/Counter Control Register
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
(MSB)
(LSB)
Symbol
Position
Name and Significance
Symbol Position
Name and Significance
TF1
TCON.7 Timer 1 overflow Flag. Set by
hardware on Timer/Counter overflow.
cleared by hardware when processor
vectors to interrupt routine.
IE1
TCON.3 Interrupt 1 Edge flag. Set by
hardware when external interrupt
edge detected.Cleared when
interrupt processed.
TR1
TCON.6 Timer 1 Run control bit. Set/cleared
by software to turn Timer/Counter
on/off.
IT1
TCON.2 Intenupt 1 Type control bit. Set/
cleared by software to specify
falling edge/low level triggered
external interrupts.
TF0
TCON.5 Timer 0 overflow Flag. Set by
hardware on Timer/Counter overflow.
cleared by hardware when processor
vectors to interrupt routine.
IE0
TCON.1 Interrupt 0 Edge flag. Set by
hardware when external interrupt
edge detected.Cleared when
interrupt processed.
TR0
TCON.4 Timer 0 Run control bit. Set/cleared
by software to turn Timer/Counter
on/off.
IT0
TCON.0 Intenupt 0 Type control bit. Set/
cleared by software to specify
falling edge/low level triggered
external interrupts.
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com