Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC89LE51RC Datasheet(PDF) 11 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 11 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 7Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 9Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 10Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 11Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 12Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 13Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 14Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 15Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 165 page
background image
2.1.1 Idle Mode
An instruction that sets IDL/PCON.0 causes that to be the last instruction executed before going into the idle
mode, the internal clock is gated off to the CPU but not to the interrupt, timer, WDT and serial port functions. The
CPU status is preserved in its entirety: the Stack Pointer, Program Counter, Program Status Word, Accumulator,
and all other registers maintain their data during Idle. The port pins hold the logical states they had at the time Idle
was activated. ALE and PSEN hold at logic high levels. Idle mode leaves the peripherals running in order to allow
them to wake up the CPU when an interrupt is generated. Timer 0, Timer 1, Timer 2 and UART will continue to
function during Idle mode.
There are two ways to terminate the idle. Activation of any enabled interrupt will cause IDL/PCON.0 to be
cleared by hardware, terminating the idle mode. The interrupt will be serviced, and following RETI, the next
instruction to be executed will be the one following the instruction that put the device into idle.
The flag bits (GFO and GF1) can be used to give art indication if an interrupt occurred during normal operation
or during Idle. For example, an instruction that activates Idle can also set one or both flag bits. When Idle is
terminated by an interrupt, the interrupt service routine can examine the flag bits.
The other way to wake-up from idle is to pull RESET high to generate internal hardware reset.Since the clock
oscillator is still running, the hardware reset neeeds to be held active for only two system clock cycles(24 system
clock) to complete the reset.
2.1 Power Management
There are two power saving modes, which are selectable to drive the STC89xx enter power-saving mode by set-
ting the following SFR PCON.
PCON register (Power Control Register)
LSB
bit
B7
B6
B5B4B3B2B1B0
name
SMOD SMOD0
-
POF
GF1
GF0
PD
IDL
SMOD : Double baud rate of UART interface
0
Keep normal baud rate when the UART is used in mode 1,2 or 3. (defaut)
1
Double baud rate bit when the UART is used in mode 1,2 or 3.
SMOD0 : SM0/FE bit select for SCON.7; setting this bit will set SCON.7 as Frame Error function. Clearing it to
set SCON.7 as one bit of UART mode selection bits.
B5
: Reserved
POF
: Power-On flag. It is set by power-off-on action and can only cleared by software.
GF1
: General-purposed flag 1
GF0
: General-purposed flag 0
PD
: Power-Down bit.
IDL
: Idle mode bit.
Chapter 2 POWER MANAGENMENT, RESET
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com