Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3662AC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT3662AC
Description  Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662AC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT3662AC Datasheet HTML 9Page - Richtek Technology Corporation RT3662AC Datasheet HTML 10Page - Richtek Technology Corporation RT3662AC Datasheet HTML 11Page - Richtek Technology Corporation RT3662AC Datasheet HTML 12Page - Richtek Technology Corporation RT3662AC Datasheet HTML 13Page - Richtek Technology Corporation RT3662AC Datasheet HTML 14Page - Richtek Technology Corporation RT3662AC Datasheet HTML 15Page - Richtek Technology Corporation RT3662AC Datasheet HTML 16Page - Richtek Technology Corporation RT3662AC Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
RT3662AC
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662AC-00
March
2016
www.richtek.com
13
Absolute Maximum Ratings
(Note 1)
VCC to GND -------------------------------------------------------------------------------------------------
0.3V to 6.5V
PVCC to GND -----------------------------------------------------------------------------------------------
0.3V to 6V
RGND to GND-----------------------------------------------------------------------------------------------
0.3V to 0.3V
BOOTx to PHASEx-----------------------------------------------------------------------------------------
0.3V to 6V
PHASEx to GND
DC --------------------------------------------------------------------------------------------------------------
0.3V to 32V
< 20ns ---------------------------------------------------------------------------------------------------------
8V to 38V
UGATEx to PHASEx
DC --------------------------------------------------------------------------------------------------------------
0.3V to 6V
< 20ns ---------------------------------------------------------------------------------------------------------
5V to 7.5V
LGATEx to GND
DC --------------------------------------------------------------------------------------------------------------
0.3V to 6V
<20ns ----------------------------------------------------------------------------------------------------------
2.5V to 7.5V
Other Pins ----------------------------------------------------------------------------------------------------
0.3V to (VCC + 0.3V)
Power Dissipation, PD @ TA = 25C
WQFN-40L 5x5----------------------------------------------------------------------------------------------
3.63W
Package Thermal Resistance
(Note 2)
WQFN-40L 5x5,
JA---------------------------------------------------------------------------------------- 27.5C/W
WQFN-40L 5x5,
JC---------------------------------------------------------------------------------------- 6C/W
Lead Temperature (Soldering, 10 sec.)----------------------------------------------------------------
260C
Junction Temperature-------------------------------------------------------------------------------------- 150
C
Storage Temperature Range-----------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model)-------------------------------------------------------------------------------
2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC---------------------------------------------------------------------------------------
4.5V to 5.5V
Supply Voltage, PVCC-------------------------------------------------------------------------------------
4.5V to 5.5V
Supply Voltage, VIN----------------------------------------------------------------------------------------
4.5V to 26V
Ambient Temperature Range ----------------------------------------------------------------------------
40C to 85C
Junction Temperature Range ----------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VCC = 5V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Supply
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
IVCC
EN = 3V, Not Switching
--
9
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com