Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2078 Datasheet(PDF) 1 Page - eleflow technologies co., ltd.

Part # 2SC2078
Description  NPN Epitaxial Planar Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELEFLOW [eleflow technologies co., ltd.]
Direct Link  http://www.eleflow.com/
Logo ELEFLOW - eleflow technologies co., ltd.

2SC2078 Datasheet(HTML) 1 Page - eleflow technologies co., ltd.

  2SC2078 Datasheet HTML 1Page - eleflow technologies co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC2078
NPN Epitaxial Planar Silicon Transistor
Application:
High frequency power amplifier
High Gain:Gp≥12dB
@Vcc=12V. f=27MHz Po=4W
Package:TO-220AB
Absolute Maximum Ratings at Ta = 25°C
Item
Symbol
Ratings
Unit
Collector-to-Base Voltage
VCBO
80
V
Collector-to-Emitter Voltage
VCEO
35
V
Emitter-to-Base Voltage
VEBO
5
V
Collector Current
IC
3
A
Collector Current (Pulse)
ICP
5
A
1.2
W
PC
10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55---125
°C
Electrical Characteristics at Ta = 25°C
Ratings
Item
Symbol
Test conditions
Min
Typ
Max
Unit
Collector to base voltage V(BR)CBO IC=100μA, IB=0
80
V
Collector
to
emitter
voltage
V(BR)CEO IC=1mA, IB=0
35
V
Collector cutoff current
ICBO
VCB=40V, IE=0
10
μA
Emitter cutoff current
IEBO
VEB=4V, IC=0
10
μA
Collector to emitter
saturation
voltage
VCE(sat)
IC=1A, IB=0.1A
0.16
0.6
V
DC current transfer ratio
hFE
VCE=5V, IC=0.5A
40
200
*
Gain bandwidth product
fT
VCE=10V, IC=0.1A
150
MHz
Output capacitance
Cob
VCB=10V, f=1MHz
45
60
pF
Output power
Po
4.0
W
Power efficiency
 
VCC=12V,
f=27MHz,
Pi=0.2W
60
%
The 2SC2078 are classified by hFE as follows :
C: 40 to 80
D: 80 to120
E: 100 to 200


Similar Part No. - 2SC2078

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2078 SANYO-2SC2078 Datasheet
86Kb / 3P
27MHz RF Power Amp Applications
logo
Savantic, Inc.
2SC2078 SAVANTIC-2SC2078 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
logo
Tiger Electronic Co.,Lt...
2SC2078 TGS-2SC2078 Datasheet
63Kb / 1P
27MHz RF Power Amplifier Applications
logo
Savantic, Inc.
2SC2078 SAVANTIC-2SC2078 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2078 NJSEMI-2SC2078 Datasheet
129Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC2078

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com