Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3773 Datasheet(PDF) 8 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3773
Description  Low-Power off-line / PSR controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3773 Datasheet(HTML) 8 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3773 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 9Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LP3773/4/5
低功耗原边反馈控制芯片
型号
推荐应用功率
Vin:90-264Vac 50/60Hz
推荐应用功率
Vin:230Vac 50Hz
LP3773
6.0W(5V/1200mA)
7.5W(5V/1500mA)
LP3774
4.5W(5V/900mA)
6.0W(5V/1200mA)
LP3775
2.5W(5V/500mA)
3.5W(5V/700mA)
无锡市芯茂微电子有限公司
http://www.chip-hope.com
V1.4
- 8 -



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com