Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR8327N-AL1A-R Datasheet(PDF) 380 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 380 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 376Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 377Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 378Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 379Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 380Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 381Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 382Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 383Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 384Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 394 page
background image
380 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
380 • June 2011
COMPANY CONFIDENTIAL
Table 3-406, “AN LP XNP Ability,” on page 380 summarizes the Register
Table 3-406.
AN LP XNP Ability
3.13.7
AN LP XNP Ability1
Address Offset: 0x01A, or 0d26
Device Address = 7
Table 3-407, “AN LP XNP Ability1,” on page 380 summarizes the Register
Table 3-407.
AN LP XNP Ability1
3.13.8
AN LP XNP Ability2
Address Offset: 0x01B, or 0d27
Device Address = 7
Table 3-408 summarizes the Register
3.13.9
EEE Advertisement
Address Offset: 0x3C (Hex)
Device Address = 7
Table , “,” on page 381 summarizes the Register
Bit
Symbol
Type
Description
15:0
Xnp_23
Mode
R/O
HW Rst
15’h0
SW Rst
15’h0
Bit
Symbol
Type
Description
15:0
Lp_xnp_2
Mode
R/O
Latched when lp_xnp_1 is read
HW Rst
15’h0
SW Rst
15’h0
Table 3-408.
AN LP XNP Ability2
Bit
Symbol
Type
Description
15:0
Lp_xnp_3
Mode
R/O
Latched when lp_xnp_1 is read
HW Rst
15’h0
SW Rst
15’h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com