Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR8327N-AL1A-R Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 36Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 37Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 38Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 39Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 42Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 394 page
background image
40 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
40 • June 2011
COMPANY CONFIDENTIAL
2.10.8
Egress Mode
The AR8327 supports per port egress VLAN mode:
n Tag mode
n Untag mode
n Unmodified
n Untouched
The frame sent out with tagged or untagged will depend on the egress mode setting. Table 2-26 shows
the tagging or untagging frame on different egress mode.
The Egress Mode can be defined by the different operation modes, as shown in Table 2-27.
37:36
ENTRY_MODE
2'b00: invalid entry
2'b01: Forward lookup enable (o -> s,c)
2'b10: Reverse lookup enable (s,c -> o)
2'b11: Forward & reverse lookup both enable.
44:38
PORT_BIT_MAP
Be used to source when frame received, destination port
when frame send out.
45
O_VID_C
1'b1: use cvid
1'b0: use svid
46
S_VID_EN
1'b1: svid enable
47
C_VID_EN
1'b1: cvid enable
48
ONE_TO_ONE_MODE
1: Enanle 1:1 VLAN
0: Disable 1:1 VLAN
Table 2-26.
VLAN Egress Mode — Tagging
EG_VLAN_MODE
Egress
VID = Untagged
Egress
VID = Priority Tagged
Egress
VID = Tagged
Tag
Egress Port Default VID
Egress Port Default VID
Egress VID
Unmodify
Untagged
Priority Untagged
Egress VID
Untag
Untagged
Untagged
Untagged
Untouched
Original Packet’s Encapsulation
Table 2-27.
VLAN Egress Mode Definitions
802.1Q was Disabled on Egress Port
Port-based Egress VLAN Mode
Edge Port
S-Tag Mode
Port-based Egress VLAN Mode
C-Tag Mode
VLAN-based Egress VLAN Mode
Core Port
S-Tag Mode
S-Tag
VLAN-based Egress VLAN Mode
C-Tag
Keep Translation Result
C-Tag Mode
S-Tag
Keep Translation Result
C-Tag
VLAN-based Egress VLAN Mode
Table 2-25.
VLAN Translation Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com