Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1219 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1219
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1219 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1219 Datasheet HTML 1Page - California Micro Devices Corp CM1219 Datasheet HTML 2Page - California Micro Devices Corp CM1219 Datasheet HTML 3Page - California Micro Devices Corp CM1219 Datasheet HTML 4Page - California Micro Devices Corp CM1219 Datasheet HTML 5Page - California Micro Devices Corp CM1219 Datasheet HTML 6Page - California Micro Devices Corp CM1219 Datasheet HTML 7Page - California Micro Devices Corp CM1219 Datasheet HTML 8Page - California Micro Devices Corp CM1219 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
12/22/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.calmicro.com
5
CM1219
Mechanical Details
CM1219 devices are supplied in the following pack-
ages: SOT23-3, SOT143, SOT23-5, SOT23-6, SC70-3,
SC70-5 and SC70-6.
SOT23-3 Mechanical Specifications
Dimensions for CM1219-02ST/SO devices supplied in
3-pin SOT23 packages are presented below.
For complete information on the SOT23-3, see the Cal-
ifornia Micro Devices SOT23 Package Information doc-
ument.
Package Dimensions for SOT23-3.
PACKAGE DIMENSIONS
Package
SOT23-3 (JEDEC name is TO-236)
Pins
3
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.89
1.12
0.0350
0.0441
A1
0.01
0.10
0.0004
0.0039
b
0.30
0.50
0.0118
0.0197
c
0.08
0.20
0.0031
0.0079
D
2.80
3.04
0.1102
0.1197
E
2.10
2.64
0.0827
0.1039
E1
1.20
1.40
0.0472
0.0551
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.40
0.60
0.0157
0.0236
L1
0.54 REF
0.0213 REF
# per tape
and reel
3000 pieces
Controlling dimension: millimeters
TOP VIEW
e
E1 E
2
e1
b
3
1
Mechanical Package Diagrams
A
SIDE VIEW
L1
END VIEW
D
A1
c
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com