Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK808 Datasheet(PDF) 2 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 2 Page - Rockchip Electronics Co., Ltd

  RK808 Datasheet HTML 1Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 2Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 3Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 4Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 5Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 6Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 7Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 8Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 9Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
2
REVISION HISTORY
Date
Revision
Description
2013-03-02 0.1
Initial preliminary version
2013-03-25 0.2
Initial complete version
2013-08-31 0.3
Updated register map
2013-12-4
0.4
Changed package information
2014-02-22 0.5
Changed some details information
2014-03-14 0.6
Adding some information
2014-06-16 0.7
1.adding ordering information
2.deleted some RDSON information
2014-09-13 0.8
1.revised the packaging information
2.adding the BOOT11 timing sequence
3.Revised the BUCK1/2 output voltage range from
0.7v~1.5v to 0.7125v~1.5V
2014-12-30 1.0
1.
adding
ordering
information
for
RK808-B/RK808-C
2.adding
BOOT11
start
up
sequence
of
RK808-B/RK808-C
3. adding
2014-01-05 1.0.1
1.changing the BUCK1/BUCK2 Output voltage
transition rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com