Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHT22 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DHT22
Description  Digital-output relative humidity & temperature sensor/module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT22 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DHT22 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 9Page - List of Unclassifed Manufacturers DHT22 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Aosong Electronics Co.,Ltd
---------------------------------------------------------------------------------------------------------------------
Your specialist in innovating humidity & temperature sensors
8. Attentions of application:
(1) Operating and storage conditions
We don't recommend the applying RH-range beyond the range stated in this specification. The DHT22 sensor
can recover after working in non-normal operating condition to calibrated status, but will accelerate sensors'
aging.
(2) Attentions to chemical materials
Vapor from chemical materials may interfere DHT22's sensitive-elements and debase DHT22's sensitivity.
(3) Disposal when (1) & (2) happens
Step one: Keep the DHT22 sensor at condition of Temperature 50~60Celsius, humidity <10%RH for 2 hours;
Step two: After step one, keep the DHT22 sensor at condition of Temperature 20~30Celsius, humidity
>70%RH for 5 hours.
(4) Attention to temperature's affection
Relative humidity strongly depend on temperature, that is why we use temperature compensation technology to
ensure accurate measurement of RH. But it's still be much better to keep the sensor at same temperature when
sensing.
DHT22 should be mounted at the place as far as possible from parts that may cause change to temperature.
(5) Attentions to light
Long time exposure to strong light and ultraviolet may debase DHT22's performance.
(6) Attentions to connection wires
The connection wires' quality will effect communication's quality and distance, high quality shielding-wire is
recommended.
(7) Other attentions
* Welding temperature should be bellow 260Celsius.
* Avoid using the sensor under dew condition.
* Don't use this product in safety or emergency stop devices or any other occasion that failure of DHT22 may
cause personal injury.
Thomas Liu (Business Manager)
Email: thomasliu198518@yahoo.com.cn
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com