Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP1218 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LTP1218
Description  Multi-Function EVB
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LTP1218 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  LTP1218 Datasheet HTML 1Page - List of Unclassifed Manufacturers LTP1218 Datasheet HTML 2Page - List of Unclassifed Manufacturers LTP1218 Datasheet HTML 3Page - List of Unclassifed Manufacturers LTP1218 Datasheet HTML 4Page - List of Unclassifed Manufacturers LTP1218 Datasheet HTML 5Page - List of Unclassifed Manufacturers LTP1218 Datasheet HTML 6Page - List of Unclassifed Manufacturers LTP1218 Datasheet HTML 7Page - List of Unclassifed Manufacturers LTP1218 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
GT1216&LTP1218 Multi-Function EVB User Guide
Shenzhen Longsys Technology Co., Ltd
www.Longsys.com
o
Room 306-310, Building 4, Software Park 1, Nanshan District, Shenzhen, China
8
3.4 GPIOS
Table 3-3 J4
Pin
Description
1
PWD
2
WAKEUP
3
TRST
Table 3-4 J24
Pin
Description
1
SPI_INT
2
SPI_CLK
3
SPI_MISO
4
SPI_MOSI
5
GND
6
VCC
Table 3-5 J25
Pin
Description
1
SCL
2
SDA
3
GND
4
VCC
Table 3-6 J27
Pin
Description
1
UART0_RTS
2
UART0_CTS
3
UART0_RXD
4
UART1_RXD
5
UART1_TXD
6
TD0
3.6 VCC Interface
Table 3-7 J7
Pin
Description
1
VCC- LTP1218
2
3.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com