Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08000WAS2 Datasheet(PDF) 14 Page - Texas Instruments

Part # PTH08000WAS2
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08000WAS2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH08000WAS2 Datasheet HTML 10Page - Texas Instruments PTH08000WAS2 Datasheet HTML 11Page - Texas Instruments PTH08000WAS2 Datasheet HTML 12Page - Texas Instruments PTH08000WAS2 Datasheet HTML 13Page - Texas Instruments PTH08000WAS2 Datasheet HTML 14Page - Texas Instruments PTH08000WAS2 Datasheet HTML 15Page - Texas Instruments PTH08000WAS2 Datasheet HTML 16Page - Texas Instruments PTH08000WAS2 Datasheet HTML 17Page - Texas Instruments PTH08000WAS2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ti.com
Auto-Track™ Function
How Auto-Track™ Works
U1
C6
U2
GND
RESIN
CT
REF
8
U3*
TL7712A
7
2
3
6
1
5
4
C
3.3 F
T
m
C
0.1 F
REF
m
R
10 k
RST
W
C2
1
5
6
4
GND
Inhibit
2
1
5
6
4
GND
Inhibit
2
C5
C1
3
3
12 V
Track
Track
*Use TPS3808G50 with 5-V input bus modules.
1.89 kW
3.75 kW
VI
VI
VO
VO
PTH08000W
PTH08000W
V 1 = 3.3 V
O
V 2 = 2.5 V
O
V Adj
O
V Adj
O
SENSE
RESET
RESET
VCC
PTH08000W
SLTS248 – JUNE 2005
The Auto-Track function is unique to the PTH/PTV family, and is available with all POLA products. Auto-Track
was designed to simplify the amount of circuitry required to make the output voltage from each module power up
and power down in sequence. The sequencing of two or more supply voltages during power up is a common
requirement for complex mixed-signal applications that use dual-voltage VLSI ICs such as the TMS320™ DSP
family, microprocessors, and ASICs.
Auto-Track works by forcing the module output voltage to follow a voltage presented at the Track control pin (1).
This control range is limited to between 0 V and the module set-point voltage. Once the track-pin voltage is
raised above the set-point voltage, the module output remains at its set-point (2). As an example, if the Track pin
of a 2.5-V regulator is at 1 V, the regulated output is 1 V. If the voltage at the Track pin rises to 3 V, the regulated
output does not go higher than 2.5 V.
When under Auto-Track control, the regulated output from the module follows the voltage at its Track pin on a
volt-for-volt basis. By connecting the Track pin of a number of these modules together, the output voltages follow
a common signal during power up and power down. The control signal can be an externally generated master
ramp waveform, or the output voltage from another power supply circuit (3). For convenience, the Track input
incorporates an internal RC-charge circuit. This operates off the module input voltage to produce a suitable rising
waveform at power up.
Figure 14. Auto-Track Circuit
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com