Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP288 Datasheet(PDF) 87 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 87 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288_14 Datasheet HTML 83Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 84Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 85Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 86Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 87Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 88Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 89Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 90Page - Shenzhen X-Powers Technology Co ., Ltd AXP288_14 Datasheet HTML 91Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
87
0
MV_ChngEvnt
MultValIdBc Multi-Valued input changed Event
This bit indicates that there is a change in the value of MultValIdBc field.
When this bit is 1, and the interrupt on the MV_ChngIntEn is 1, the BC
Module will issue an interrupt to the controller.
This bit and associated interrupt is clean by writing ‘1’.
R
0
REG 58H: TS pin input ADC data, highest 8bit
Default:00H
Reset: System reset
Table 10-60
Bit
Description
R/W
Default
7-0
TS pin input ADC data highest 8bits,Default is Battery temperature
R
00
REG 59H: TS pin input ADC data, lowest 4bit
Default:00H
Reset: System reset
Table 10-61
Bit
Description
R/W
Default
7-4
Reserved
R
00
3-0
TS pin input ADC data lowest 4bits,Default is Battery temperature
R
00
REG 5AH: GPADC pin input ADC data, highest 8bit
Default:00H
Reset: System reset
Table 10-62
Bit
Description
R/W
Default
7-0
GPADC pin input ADC data, highest 8bit
R
00
REG 5BH: GPADC pin input ADC data, lowest 4bit
Default:00H
Reset: System reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com