Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP288C Datasheet(PDF) 57 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 57 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 53Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 54Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 55Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 56Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 57Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 58Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 59Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 60Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 61Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
57
The Fuel Gauge can be enabled or disabled via REG B8H. The Battery low warning can be set in REG E6, and IRQ (REG 4BH) will
be sent out to alert the platform when the battery capacity percentage is lower than the warning level set in REG E6H.
Once a default battery is selected for a particular design, it is highly recommended to calibrate the battery to achieve
better Fuel Gauge accuracy. The calibration procedure is documented in separate Application Guide – AXP288 Battery
Calibration Application Guide. Once the calibration data are available, user can write the calibration info to the following
register – REG C0H – DFH (OCV percentage table) on each boot. Or user can choose not to do the calibration and use the
default OCV percentage value. Additionally, the Fuel Gauge system is capable to learn the battery characteristic on each Full
charge cycle. Information such as Battery Maximum capacity (REG E0H, REG E1H) and Rdc (REG BAH, REG BBH) will be
updated automatically over time.
OCV Percentage Table
Table 9-45
Reg Address
Percent
OCV
0
2.9920
C0
RW(H)
3.1328
C1
RW(H)
3.2736
C2
RW(H)
3.3440
C3
RW(H)
3.4144
C4
RW(H)
3.4848
C5
RW(H)
3.5552
C6
RW(H)
3.5904
C7
RW(H)
3.6080
C8
RW(H)
3.6256
C9
RW(H)
3.6432
CA
RW(H)
3.6608
CB
RW(H)
3.6960
CC
RW(H)
3.7312
CD
RW(H)
3.7664
CE
RW(H)
3.8016
CF
RW(H)
3.8192
D0
RW(H)
3.8368
D1
RW(H)
3.8544
D2
RW(H)
3.8720
D3
RW(H)
3.9072
D4
RW(H)
3.9424
D5
RW(H)
3.9776
D6
RW(H)
4.0128
D7
RW(H)
4.0480
D8
RW(H)
4.0832
D9
RW(H)
4.1184
DA
RW(H)
4.1360
DB
RW(H)
4.1536
DC
RW(H)
4.1888
DD
RW(H)
4.224
DE
RW(H)
4.2592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com