Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

115F40-R000RA-M3 Datasheet(PDF) 4 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 4 Page - AU Optronics Corp.,

  115F40-R000RA-M3 Datasheet HTML 1Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 2Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 3Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 4Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 5Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 6Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 7Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 8Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 9Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
Product Specification
M270DTN01.5
1. Handling Precautions
1. Since front polarizer is easily damaged, pay attention not to scratch it.
2. Be sure to turn off power supply when inserting or disconnecting from input connector.
3. Wipe off water drop immediately. Long contact with water may cause discoloration or spots.
4. When the panel surface is soiled, wipe it with absorbent cotton or other soft cloth.
5. Since the panel is made of glass, it may break or crack if dropped or bumped on hard surface.
6. Since CMOS LSI is used in this module, take care of static electricity and insure human earth when
handling.
7. Do not open or modify the Module Assembly.
8. Do not press the reflector sheet at the back of the module to any directions.
9. In case if a Module has to be put back into the packing container slot after once it was taken out from the
container, do not press the center of the LED lightbar edge. Instead, press at the far ends of the LED light
bar edge softly. Otherwise the TFT Module may be damaged.
10. At the insertion or removal of the Signal Interface Connector, be sure not to rotate nor tilt the
Interface Connector of the TFT Module.
11. After installation of the TFT Module into an enclosure, do not twist nor bend the TFT Module even
momentary. At designing the enclosure, it should be taken into consideration that no bending/twisting
forces are applied to the TFT Module from outside. Otherwise the TFT Module may be damaged.
12. Small amount of materials having no flammability grade is used in the LCD module. The LCD module
should be supplied by power complied with requirements of Limited Power Source (IEC60950 or
UL1950), or be applied exemption.
13. Please avoid touching COF Position while you are doing mechanical design.
14.When storing modules as spares for a long time, the following precaution is necessary:
a. Store them in a dark place. Do not expose the module to sunlight or fluorescent light.
b. Keep the temperature between 5℃ and 35℃ at normal humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com