Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MC1_LP Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # K-MC1_LP
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC1_LP Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  K-MC1_LP Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
K-MC1_LP RADAR TRANSCEIVER
Datasheet
Antenna System Diagram
This diagram shows module sensitivity in both azimuth and elevation directions. It combines
transmitter and receiver antenna characteristics.
Fig. 2: Anntenna system diagram
Pin Configuration
Pin
Description
Typical Value
1
nc
2
VCC
3.3V..5V supply
3
GND
0V supply
4
IF output Q
5
IF output I
6
nc
7
nc
8
nc
Outline Dimensions
Mounting instruction
Mount from back side using thread
marked with B:
M2.5 screws, screw depth < 3.5mm
Keep out zone C (tuning srcew)
K-MC1_LP modules must not be
used without screws in A.
Fig. 3: Mechanical dimensionsApplication Notes
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com