Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF97 Datasheet(PDF) 76 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 76 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 121 page
background image
Page 76
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
5. RF96/97/98 Analog & RF Frontend Electronics
5.1. Power Supply Strategy
The RF96/97/98 employs an internal voltage regulation scheme which provides stable operating voltage, and hence
device characteristics, over the full industrial temperature and operating voltage range of operation. This includes up to
+17 dBm of RF output power which is maintained from 1.8 V to 3.7 V and +20 dBm from 2.4 V to 3.7 V.
The RF96/97/98 can be powered from any low-noise voltage source via pins VBAT_ANA, VBAT_RF and VBAT_DIG.
Decoupling capacitors should be connected, as suggested in the reference design of the applications section of this
document, on VR_PA, VR_DIG and VR_ANA pins to ensure correct operation of the built-in voltage regulators.
5.2. Low Battery Detector
A low battery detector is also included allowing the generation of an interrupt signal in response to the supply voltage
dropping below a programmable threshold that is adjustable through the register RegLowBat. The interrupt signal can be
mapped to any of the DIO pins by programming RegDioMapping.
5.3. Frequency Synthesis
5.3.1. Crystal Oscillator
The crystal oscillator is the main timing reference of the RF96/97/98. It is used as the reference for the PLL
‟s frequency
synthesis and as the clock signal for all digital processing.
The crystal oscillator startup time, TS_OSC, depends on the electrical characteristics of the crystal reference used, for
more information on the electrical specification of the crystal see Section 2.3. The crystal connects to the Pierce oscillator
on pins XTA and XTB. The RF96/97/98 optimizes the startup time and automatically triggers the PLL when the oscillator
signal is stable.
Optionally, an external clock can be used to replace the crystal oscillator. This typically takes the form of a tight tolerance
temperature compensated crystal oscillator (TCXO). When using an external clock source the bit TcxoInputOn of register
RegTcxo
should be set to 1 and the external clock has to be provided on XTA (pin 5). XTB (pin 6) should be left open.
The peak-peak amplitude of the input signal must never exceed 1.8 V. Please consult your TCXO supplier for an
appropriate value of decoupling capacitor, CD.
XTA
XTB
TCXO
32 MHz
NC
OP
Vcc
Vcc
GND
CD
Figure 39. TCXO Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com