Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3430MDBVTEP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430MDBVTEP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3430MDBVTEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3430MDBVTEP Datasheet HTML 9Page - Texas Instruments REF3430MDBVTEP Datasheet HTML 10Page - Texas Instruments REF3430MDBVTEP Datasheet HTML 11Page - Texas Instruments REF3430MDBVTEP Datasheet HTML 12Page - Texas Instruments REF3430MDBVTEP Datasheet HTML 13Page - Texas Instruments REF3430MDBVTEP Datasheet HTML 14Page - Texas Instruments REF3430MDBVTEP Datasheet HTML 15Page - Texas Instruments REF3430MDBVTEP Datasheet HTML 16Page - Texas Instruments REF3430MDBVTEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
J
A
D
JA
T
T
P
R
T
u
REF(MAX)
REF(MIN)
6
REF
V
V
Drift =
10
V
Temperature Range
·
§
u
¸
¨
u
©
¹
Bandgap
core
Buffer
Digital
Enable
Blocks
Inrush
EN
IN
GNDF
OUTS
Current
Vdd
GNDS
OUTF
Limit
13
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
www.ti.com
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
Product Folder Links: REF3425-EP REF3430-EP REF3433-EP REF3440-EP
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The REF34xx-EP is family of low-noise, precision bandgap voltage references that are specifically designed for
excellent initial voltage accuracy and drift. The Functional Block Diagram is a simplified block diagram of the
REF34xx-EP showing basic band-gap topology.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Supply Voltage
The REF34xx-EP family of references features an extremely low dropout voltage. For loaded conditions, a typical
dropout voltage versus load is shown on the front page. The REF34xx-EP features a low quiescent current that
is extremely stable over changes in both temperature and supply. The typical room temperature quiescent
current is 72 µA, and the maximum quiescent current over temperature is just 95 µA. Supply voltages below the
specified levels can cause the REF34xx-EP to momentarily draw currents greater than the typical quiescent
current. Use a power supply with a fast rising edge and low output impedance to easily prevent this issue.
9.3.2 Low Temperature Drift
The REF34xx-EP is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by Equation 2:
(2)
9.3.3 Load Current
The REF34xx-EP family is specified to deliver a current load of ±10 mA per output. The VREF output of the device
are protected from short circuits by limiting the output short-circuit current to 18 mA. The device temperature
increases according to Equation 3:
where
•
TJ = junction temperature (°C),
•
TA = ambient temperature (°C),
•
PD = power dissipated (W), and
•
RθJA = junction-to-ambient thermal resistance (°C/W)
(3)
The REF34xx-EP maximum junction temperature must not exceed the absolute maximum rating of 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com