Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8601HA Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS8601HA
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601HA Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS8601HA Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FS8601Hx
11. Description of Operation
Normal Condition
If VODL<VCC<VOCU and VST<VCS<VOI1, M1 and
M2 are both turned on. The charging and
discharging processes can be operated normally.
Overcharge Protection
When the voltage of the battery cell exceeds the
overcharge detection voltage (VOCU) beyond the
overcharge delay time (TOC) period, charging is
inhibited by turning off of the charge control
MOSFET. The overcharge condition is released in
two cases:
The voltage of the battery cell becomes lower than
the overcharge release voltage (VOCR) through
self-discharge.
The voltage of the battery cell falls below the
overcharge detection voltage (VOCU) and a load is
connected.
When the battery voltage is above VOCU, the
overcharge condition will not release even a load is
connected to the pack.
Overdischarge Protection
When the voltage of the battery cell goes below the
overdischarge detection voltage (VODL) beyond the
overdischarge delay time (TOD) period, discharging
is inhibited by turning off the discharge control
MOSFET.
The default of overdischarge delay time is 100ms.
Inhibition of discharging is immediately released
when the voltage of the battery cell becomes higher
than overdischarge release voltage (VODR) through
charging.
Overcurrent Protection
In normal mode, the FS8601HX continuously
monitors the discharge current by sensing the
voltage of CS pin. If the voltage of CS pin exceeds
the overcurrent detection voltage (VOI1) beyond the
overcurrent delay time (TOI1) period, the overcurrent
protection circuit operates and discharging is
inhibited by turning off the discharge control
MOSFET. The overcurrent condition returns to the
normal mode when the load is released or the
impedance between BATT+ and BATT- is larger than
150kΩ. The FS8601HX provides two overcurrent
detection levels (0.13V and 0.7V or 0.9V) with two
overcurrent
delay
time
(TOI1
and
TOI2)
corresponding to each overcurrent detection level.
Charge Detection after Overdischarge
When overdischarge occurs, the discharge control
MOSFET turns off and discharging is inhibited.
However, charging is still permitted through the
parasitic diode of MOSFET. Once the charger is
connected to the battery pack, the FS8601HX
immediately turns on all the timing generation and
detection circuitry. Charging progress is sensed if
the voltage between CS and GND is below charge
detection threshold voltage.
Power Down after Overdischarge
When overdischarge occurs, the FS8601HX will
enter into power-down mode, turning off all the
timing generation and detection circuitry to reduce
the quiescent current to 1.0μA (VCC=2.0V). At the
same time, the CS pin is pull-up to VCC through an
internal resistor.
Supervising charger voltage
By supervising the charge voltage, charging can be
prohibited instantly when a charger with overvoltage
is connevted. The charger voltage detection circuit
supervises the voltage between the VDD and CSI
pins. When this voltage exceeds Vdet(Vdet <
(VDD – VCSI)),regardless of the battery voltage,the
charge FET control pin output alow level(CSI
level)signal and the charge FET is turned off. When
the charger voltage drops to Vrec or lower, the
charger FET control output level is dependent on
battery voltage.
Note: When a battery is connected to FS8601HX
for the first time, it may not enter the normal
condition (dischargeable may not be enabled). In
this case, short the CS and VSS pins or connect
to a charger to restore to the normal condition
.
Rev. 1.3
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com