Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS1084 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS1084
Description  5.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1084 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS1084 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FS1084
Rev. 1.0
3/9
1.
General Description
The FS1084 is a series of low dropout three-terminal
regulators with a dropout of 1.5V at 1Aoutput
current.
The FS1084 series provides current limiting and
thermal shutdown. Its circuit includes a trimmed
band gap reference to assure output voltage
accuracy to be within 2% for 1.8V, 3.3V and
adjustable versions. Current limit is trimmed to
ensure specified output current and controlled
short-circuit current. On-chip thermal shutdown
provides protection against any combination of
overload and ambient temperature that would create
excessive junction temperature.
The FS1084 has an adjustable version that can
provide the output voltage from 1.25V to 12V with
only two external resistors.
The FS1084 series is available in the industry
standard TO263-3L power package.
2.
Features
Input voltage up to 18V.
1.5V maximum dropout at full load current
Fast transient response.
Output current limiting
Built-in thermal shutdown
Good noise rejection
3-Terminal Adjustable or Fixed 1.8V, 3.3V
TO263-3L: ”Green”Molding Compound(no Br, Sb)
Lead Free Finish/RoHS compliant(Note 1)
3.
Applications
Input voltage:4.4V to 1.8V
PC Motherboard
LCD Monitor
Graphic Card
DVD-video player
NIC/Switch
Telecom Equipment
ADSL Modem
Printer and other Peripheral Equipment
4.
Ordering Information
5.
Pin Configurations
TO263-3L
1
2
3
FS1084
XXXXXXXX
Part
No.
Pin 1
Pin 2
Pin 3
FS1084
-xxGK GND/ADJ
OUT
(TAP)
IN
FS1084-xx x x
Package
Pin Out
K : SOT-263-3L 1.GND 2.OUT
3.IN
Note : For the adjustable voltage
types, the GND pin is
replaced with the ADJ pin
Package Type
G : G stands for Green-Package
Output Voltage
18 : 1.8V
33 : 3.3V
VR
: Adjustable Output
Note: The output voltages other
than the preset values are
available by order only.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com