Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS325D Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS325D
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS325D Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS325D Datasheet HTML 20Page - Fortune Semiconductor Corp. FS325D Datasheet HTML 21Page - Fortune Semiconductor Corp. FS325D Datasheet HTML 22Page - Fortune Semiconductor Corp. FS325D Datasheet HTML 23Page - Fortune Semiconductor Corp. FS325D Datasheet HTML 24Page - Fortune Semiconductor Corp. FS325D Datasheet HTML 25Page - Fortune Semiconductor Corp. FS325D Datasheet HTML 26Page - Fortune Semiconductor Corp. FS325D Datasheet HTML 27Page - Fortune Semiconductor Corp. FS325D Datasheet HTML 28Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Dimension (SSON-6_N6C)
15. Revision History
Version
Date
Page
Description
1.0
2010/06/02
ALL
New release
1.1
2011/07/08
4
Revise Product name list package SOT-23-5
1.2
2011/09/08
24
Revise Package Outline
1.3
2012/04/17
4,13,14,15
FS325C(VOCR)、FS325D(0V charging prohibit) function explain
1.4
2012/10/08
16,17,18
Revise FS325D VCH、Tdet Specified
1.5
2012/10/16
3,4,5,17,18,19
Add SSON-6 Package Information
26
Add SSON-6 Package Information
1.6
2013/11/26
3,4,6,18,19,20
Add FS325D-N6C SSON-6 Package Information
28
Add FS325D-N6C SSON-6 Package Information
4,5,27
Revise FS325D-N6A SSON-6 Package Information
1.7
2013/12/25
4
Revise VOI1 Specified Unit
28
Revise SSON-6_N6C Package Outline
1.8
2014/05/22
2
Revised company address
1.9
2015/06/08
3,4,18,19,20
Add Charger Over Current Detection Voltage Specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com