Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP6131DECR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECR
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP6131DECR Datasheet HTML 21Page - Texas Instruments TMP6131DECR Datasheet HTML 22Page - Texas Instruments TMP6131DECR Datasheet HTML 23Page - Texas Instruments TMP6131DECR Datasheet HTML 24Page - Texas Instruments TMP6131DECR Datasheet HTML 25Page - Texas Instruments TMP6131DECR Datasheet HTML 26Page - Texas Instruments TMP6131DECR Datasheet HTML 27Page - Texas Instruments TMP6131DECR Datasheet HTML 28Page - Texas Instruments TMP6131DECR Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
TYP
ALL AROUND
0.05 MAX
(1.07)
(1.7)
(1.27)
(2.54)
(R
) TYP
0.05
(1.07)
(1.7)
3X (
) VIA
0.75
4221971/A 03/2015
TO-92 - 5.05 mm max height
LPG0002A
TO-92
LAND PATTERN EXAMPLE
NON-SOLDER MASK DEFINED
SCALE:20X
METAL
TYP
TYP
OPENING
SOLDER MASK
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com