Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP6131DYAT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DYAT
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DYAT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP6131DYAT Datasheet HTML 9Page - Texas Instruments TMP6131DYAT Datasheet HTML 10Page - Texas Instruments TMP6131DYAT Datasheet HTML 11Page - Texas Instruments TMP6131DYAT Datasheet HTML 12Page - Texas Instruments TMP6131DYAT Datasheet HTML 13Page - Texas Instruments TMP6131DYAT Datasheet HTML 14Page - Texas Instruments TMP6131DYAT Datasheet HTML 15Page - Texas Instruments TMP6131DYAT Datasheet HTML 16Page - Texas Instruments TMP6131DYAT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100 120 140 160
0
1
2
3
4
5
6
7
8
9
d013
IBIAS = 50 PA
IBIAS = 100 PA
IBIAS = 200 PA
IBIAS = 300 PA
IBIAS = 400 PA
13
TMP61
www.ti.com
SBOS921 – DECEMBER 2018
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
A polynomial equation or a LUT can be used to extract the temperature reading based on the ADC code read in
the microcontroller.
The cancellation of VBIAS is a benefit to using a voltage-divider (ratio-metric approach), but the sensitivity of the
output voltage of the divider circuit cannot be increased very much. Therefore, not all of the ADC codes will be
used due to the small voltage output range compared to the FSR. This application is very common, however,
and is simple to implement.
A current source-based circuit, like the one shown in Figure 13, can be used to get better control over the
sensitivity of the output voltage and achieve higher accuracy. In this case, the output voltage is simply V = I × R.
For example, if a current source of 400 µA is used with the TMP61, the output voltage will span approximately
5.5 V and will have a gain up to 40 mV/C. Having control over the voltage range and sensitivity allows for full
utilization of the ADC codes and full-scale range. Based on the bias current, the temperature voltage is shown in
Figure 14. Similar to the ratio-metric approach above, if the ADC has built-in current source that share the same
bias as the reference voltage of the ADC, the tolerance of the supply current will be cancelled. In this case, a
precision ADC is not required. This method yields the best accuracy, but can increase the system
implementation cost.
Figure 13. TMP61 Biasing Circuit With Current Source
Figure 14. TMP61 Temperature Voltage With Varying Current Sources
In comparison to the non-linear NTC thermistor in a voltage divider, the TMP61 has an enhanced linear output
characteristic. The two voltage divider circuits with and without a linearization parallel resistor, RP, is shown in
Figure 15. For example, consider an example where VBIAS = 5 V, RBIAS = 10 kΩ, and a parallel resistor (RP) is
used with the NTC thermistor (RNTC) to linearize the output voltage with an additional 10-kΩ resistor. The output
characteristics of the voltage dividers are shown in Figure 16. The TMP61 produces a linear curve across the
entire temperature range while the NTC curve is only linear across a small temperature region. When the parallel
resistor (RP) is added to the NTC circuit, the added resistor makes the curve much more linear, but greatly
affects the output voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com