Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES8155 Datasheet(PDF) 21 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8155
Description  Low Power Stereo Audio DAC With Headphone Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8155 Datasheet(HTML) 21 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8155 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 22Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 23Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 24Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 25Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Everest Semiconductor
ES8155
Version 1.0
3/29/2011
21
6.3.5
Register 0x10 DAC Control 3, Default 0000 1000
Bit Name
Bit
Description
DACINVL
5
0 – DAC left channel output no phase inversion (default)
1 – DAC left output 180 degree phase inversion
DACINVR
4
0 – DAC right channel output no phase inversion (default)
1 – DAC right channel output 180 degree phase inversion
DACTOEN
3
Reserved
DACDAT
2
0 – disable DAC data 6 dB attenuate
1 – -6 dB enable
6.3.6
Register 0x11– DAC Control 4, Default 0000 0000
Bit Name
Bit
Description
DACZEROL
5
0 – normal (default)
1 – set left channel DAC output all zero
DACZEROR
4
0 – normal (default)
1 – set right channel DAC output all zero
DACMONO
3
0 – stereo (default), and enable SE function
1 – mono ((L+R)/2) into DACL and DACR, and disable SE function
DACSE
2:0
Stereo enhancement gain
000 – 0 (default)
001 – 1/8
…
111 – 7/8
6.3.7
Register 0x12– SHELVING1_A[29:24], Default 0001 1111
Bit Name
Bit
Description
SHEV1_A[29:24]
5:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.8
Register 0x13– SHELVING1_A[23:16], Default 1111 0111
Bit Name
Bit
Description
SHEV1_A[23:16]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.9
Register 0x14– SHELVING1_A[15:8], Default 1111 1101
Bit Name
Bit
Description
SHEV1_A[15:8]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.10 Register 0x15– SHELVING1_A[7:0], Default 1111 1111
Bit Name
Bit
Description
SHEV1_A[7:0]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.11 Register 0x16– SHELVING1_B[29:24], Default 0001 1111
Bit Name
Bit
Description
SHEV1_B[29:24]
5:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com