Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1606A Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT1606A
Description  Remove external light coupling and TL 431, save external FB feedback detection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT1606A Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT1606A Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT1606A Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT1606A Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT1606A Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT1606A Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT1606A Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT1606A
A
1/6
原边反馈 PFM 转换器
www.hotchip.com.cn
Ver1.0
产品概述
HT1606A 是一款低功耗并具有高性能的原边
PFM 转换器,主要针对充电器而设计,省去外部光
耦和 TL431,同时也省去外部 FB 反馈电压检测电阻,
外部工作电路简单,最大程度的节约了系统成本。
HT1606A 除了为用户提供高性价比的 AC/DC 电源
系统应用以外,而且 IC 内部高度集成了欠压保护,
开短路保护、输出线损补偿等功能,使得 IC 的工作
寿命大大延长。
主要特点
CV 控制模式
原边控制调节
输出线损补偿
智能温控功能,在不会出现过热保护的前提下输
出最大功率
省去外部光耦和 TL431,省去外部 FB 反馈检测电
内部集成 NPN 三极管
限流保护
过温保护
过压保护
开短路保护
最大输出功率可达 2.5W
采用 T0-126 封装形式
典型应用
手机等数码产品充电器 / 适配器
万能充电器
标准和辅助供电模块
线性电源和替代 RCC 开关电源的最佳选择
典型应用电路图
全波整流应用方案
L
N
R1
V+
V-
F1
D1
D2
D3
D4
C1
+
1
2
3
U1
VCC
GND
C
C2
+
D5
T1
D6
C3
+
R2
CY1


Similar Part No. - HT1606A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
logo
Hotchip Technology Co.,...
HT1608 HOTCHIP-HT1608 Datasheet
414Kb / 4P
Primary-side feedback PFM converter
logo
Holtek Semiconductor In...
HT1608 HOLTEK-HT1608 Datasheet
524Kb / 11P
2×20 Channel LCD Driver
HT1608L HOLTEK-HT1608L Datasheet
557Kb / 12P
2x 20 Channel LCD Driver
27th Aug 98
More results

Similar Description - HT1606A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1804 MAXIM-MAX1804 Datasheet
570Kb / 11P
External Four-Input Feedback Integrator for Power Supplies
19-1737; Rev 0; 7/00
logo
List of Unclassifed Man...
AG2406401 ETC-AG2406401 Datasheet
51Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
AA16206 ETC-AA16206 Datasheet
47Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
TG12232 ETC1-TG12232 Datasheet
130Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
logo
Maxim Integrated Produc...
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
Eliminates External Components and Reduces
Rev 0; 4/16
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
Eliminates External Components and Reduces
Rev 0; 4/16
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
External Interrupt Output for Motion Detection
logo
WORLDSEMI CO., LIMITED
WS2812B-MINI-V2 WORLDSEMI-WS2812B-MINI-V2 Datasheet
403Kb / 7P
Intelligent external control LED Integrated light source
logo
SHENZHEN FUMAN ELECTRON...
FM2813 FUMAN-FM2813 Datasheet
218Kb / 5P
Intelligent external control integrated LED light source
logo
WORLDSEMI CO., LIMITED
WS2812B-MINI WORLDSEMI-WS2812B-MINI Datasheet
413Kb / 7P
Intelligent external control LED Integrated light source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com