Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2269 Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

Back Button HM2269 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HT2269
6/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
∆f_VDD
Frequency Voltage
Stability
VDD = 12-25V
2
%
RI_range
Operating RI Range
12
24
60
Kohm
V_RI_open
RI open voltage
2
V
F_BM
Burst Mode Base
Frequency
22
KHZ
DC_max
Maxmum Duty
Cycle
75
80
85
%
DC_min
Minimum Duty
Cycle
_
-
0
%
Gate Drive Output
VOL
Output Low Level
Io = -20 mA
0.3
V
VOH
Output High Level
Io = +20 mA
11
V
VG_Clamp
Output Clamp
Voltage Level
VDD=20V
18
V
T_r
Output Rising Time
CL = 1nf
120
nSec
T_f
Output Falling Time
CL = 1nf
50
nSec
Over Temperature Protection
I_RT
Output Current of
RT pin
70
uA
VTH_OTP
OTP Threshold
Voltage
1
1.065
1.13
V
VTH_OTP_off
OTP Recovery
Threshold Voltage
1.165
V
TD_OTP
OTP De-bounce
Time
100
uSec
V_RT_Open
RT Pin Open
Voltage
3.5
V
Frequency Shuffling
∆f_OSC
Frequency
Modulation range
/Base frequency
-3
3
%
Freq_Shuffling
Shuffling Frequency
RI = 24Kohm
32
HZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com