Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFE32251B-R47MS Datasheet(PDF) 50 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 50 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 46Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 47Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 48Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
SDA
SCL
Data Valid
Change of Data Allowed
SDA
SCL
S
P
START
Condition
STOP
Condition
50
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.5.1.1
F/S-Mode Protocol
The master initiates data transfer by generating a START condition. The START condition exists when a
high-to-low transition occurs on the SDA line while SCL is high (see Figure 6-13). All I2C-compatible
devices should recognize a START condition.
The master then generates the SCL pulses and transmits the 7-bit address and the read/write direction bit
R/W on the SDA line. During all transmissions, the master ensures that data is valid. A valid data
condition requires the SDA line to be stable during the entire high period of the clock pulse (see
Figure 6-14). All devices recognize the address sent by the master and compare it to their internal fixed
addresses. Only the slave device with a matching address generates an acknowledge (see Figure 6-15),
by pulling the SDA line low during the entire high period of the ninth SCL cycle. Upon detecting this
acknowledge, the master identifies that the communication link with a slave has been established.
The master generates further SCL cycles to either transmit data to the slave (R/W bit = 0) or receive data
from the slave (R/W bit = 1). In either case, the receiver must acknowledge the data sent by the
transmitter. An acknowledge signal can either be generated by the master or by the slave, depending on
which one is the receiver. Any 9-bit valid data sequences consisting of 8-bit data and 1-bit acknowledge
can continue as long as necessary.
To signal the end of the data transfer, the master generates a STOP condition by pulling the SDA line
from low to high while the SCL line is high (see Figure 6-13). This STOP condition releases the bus and
stops the communication link with the addressed slave. All I2C-compatible devices must recognize the
STOP condition. Upon the receipt of a STOP condition, all devices detect that the bus is released, and
they wait for a START condition followed by a matching address.
Figure 6-13. START and STOP Conditions
Figure 6-14. Bit Transfer on the I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com