Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT2273 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT2273
Description  Burst Mode Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2273 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT2273 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT2273
1/10
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
GENERAL DESCRIPTION
HT2273 is a high performance current mode PWM
controller, optimized for low power power switch
equipment.
For lower the standby power and higher RoHS
compliant, the IC offers a Burst Mode control
feature and ultra-low start-up current and operating
current, that is, at the condition of no load or light
load, HT2273 can reduce the switch frequency
linearly which minimize the switching power loss;
the ultra-low startup current and operating current
make a reliable power for startup design, and also
large resistor can be used in the startup circuit to
improve switching efficiency. The internal
synchronous slope compensation
circuit
reduces
the
possible subharmonic oscillation at
high PWM duty cycle output. Leading-edge
blanking on current sense(CS) input removes the
signal glitch due to snubber diode circuit reverse
recovery and thus greatly reduces the external
component count and system cost in the design.
HT2273 offers comprehensive protection coverage
with automatic self-recovery feature, including
cycle
by cycle over current protection (OCP), over
load protection (OLP),VCC Clamp, under voltage
lockout (UVLO), OTP and OVP shut down latch.
The gate-driven output is clamped to maximum
12V to protect the internal MOSFET.
Excellent EMI performance is achieved by using the
soft-switching and frequency jittering at the
totem-pole-gate-drive output. The tone energy at
below 20KHZ is minimized in the design and
audio noise is eliminat- ed during operation. The
HT2273 is the ideal substitute of the linear power
supply or
the
RCC-mod e power, for a better
performance of the whole switch power system and
a lower cost.
HT2273 is available in SOT23-6 package.
FEATURES
◆ Burst Mode Control
◆ 5uA ultra-low startup current
◆ 1.8mA Low operating current
◆ Built-in Leading-edge blanking
◆ Built-in synchronous slope compensation
circuit
◆ Built-in Soft-Start
◆ 65kHz fixed swith frequency
◆ Cycle by cycle over current protection (OCP)
◆ VCC over voltage clamp & under voltage
lockout( UVLO)
◆ Over load protection (OLP)
◆ OTP and OVP shut down latch
◆ Maximum Gate output voltage clamped at 12V
◆ Frequency jittering
◆ Adjustable OVP through external Zener
APPLICATIONS
Universal switch power supply equipment and
offline AC/DC flyback power converter Power
Adapter
Set-Top Box Power Supplies
Open-frame SMPS
Battery Charger


Similar Part No. - HT2273

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
logo
HYES Optoelectronics, I...
HT2201L HYES-HT2201L Datasheet
682Kb / 24P
LCD MODULE (176 횞 RGB 횞 220 Dots)
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
logo
HYES Optoelectronics, I...
HT2203L HYES-HT2203L Datasheet
548Kb / 24P
LCD MODULE (240 횞 RGB 횞 320 Dots)
HT2204L HYES-HT2204L Datasheet
611Kb / 24P
LCD MODULE (240 횞 RGB 횞 320 Dots)
More results

Similar Description - HT2273

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
Burst Mode Memory Controller
logo
NXP Semiconductors
PCD5041 PHILIPS-PCD5041 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5042 PHILIPS-PCD5042 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5043 PHILIPS-PCD5043 Datasheet
109Kb / 24P
DECT burst mode controller
1996 Oct 31
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643 Datasheet
266Kb / 15P
Burst-Mode Laser Driver
Rev 0; 11/05
logo
SPANSION
S29NS-J SPANSION-S29NS-J_07 Datasheet
2Mb / 73P
Burst Mode Flash Memories
logo
Micrel Semiconductor
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
2.5Gbps Burst-Mode Limiting Amplifier
SY88149HL MICREL-SY88149HL_10 Datasheet
365Kb / 11P
3.3V 1.25Gbps Burst-Mode Limiting
logo
Advanced Monolithic Sys...
AMS2263 AMS-AMS2263 Datasheet
776Kb / 12P
Extended Burst Mode Control For Improved
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com