Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD0255f Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FD0255f
Description  Smart motor driver with embedded Hall sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0255f Datasheet(HTML) 8 Page - Feeling Technology Corp.

Back Button FD0255f Datasheet HTML 4Page - Feeling Technology Corp. FD0255f Datasheet HTML 5Page - Feeling Technology Corp. FD0255f Datasheet HTML 6Page - Feeling Technology Corp. FD0255f Datasheet HTML 7Page - Feeling Technology Corp. FD0255f Datasheet HTML 8Page - Feeling Technology Corp. FD0255f Datasheet HTML 9Page - Feeling Technology Corp. FD0255f Datasheet HTML 10Page - Feeling Technology Corp. FD0255f Datasheet HTML 11Page - Feeling Technology Corp. FD0255f Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FD0251f
FD0255f
Rev1.2 Nov. 06, 2008
P.8
FEELING
TECHNOLOGY
4
5
1
2
3
b
E
D
E1
e
e1
C
D
A2
Package Dimension (Unit: mm)
TS825 (Halogen Free)
Symbols
Dimension In Millimeters
Min
Nom
Max
A2
0.700
0.750
0.775
b
0.350
-
0.500
c
0.100
-
0.200
D
2.800
2.900
3.100
E
3.700
3.800
3.900
E1
1.500
1.600
1.700
e
0.950 BSC
e1
1.900 BSC
Θ1
4˚
10˚
12˚
Sensor location
0.86mm
1.02mm
Θ1
Θ1
Top view: marking side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com