Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT5125F Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT5125F
Description  Low voltage operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT5125F Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT5125F Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT5125F Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT5125F Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT5125F Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT5125F Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HT5125F
1/5
Motor Driver
www.hotchip.com.cn
Ver1.0
GENERAL DESCRIPTION
The HT5125F is a bi-directional motor driver with
Forward/Reverse/stop/Release function for motor
driver application..
FEATURES
Low voltage operation
Low current drain at standby mode
Provide 4 modes motor driver,
Forward/Reverse/Stop/Release
Over-current auto protection
BLOCK DIAGRAM
PIN DESCRIPTIONS
Symbol
I/O Type
Pin#
Description
VDD
P
2,3
Power Supply
VSS
G
5,8
Ground Supply
IN_A
I
6
Input Signal A
IN_B
I
7
Input Signal B
OUT_A
O
1
Motor Driver Output A
OUT_B
O
4
Motor Driver Output B


Similar Part No. - HT5125F

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
Low voltage operation
More results

Similar Description - HT5125F

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
Low voltage operation
logo
ATMEL Corporation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
Low-voltage and Standard-voltage Operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
Low Voltage Operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
Low voltage/ Low current operation
2013-09-03
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
Low voltage operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
Low-voltage Operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com