Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5530GL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5530GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5530GL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5530GL Datasheet HTML 2Page - Leadtrend Technology LD5530GL Datasheet HTML 3Page - Leadtrend Technology LD5530GL Datasheet HTML 4Page - Leadtrend Technology LD5530GL Datasheet HTML 5Page - Leadtrend Technology LD5530GL Datasheet HTML 6Page - Leadtrend Technology LD5530GL Datasheet HTML 7Page - Leadtrend Technology LD5530GL Datasheet HTML 8Page - Leadtrend Technology LD5530GL Datasheet HTML 9Page - Leadtrend Technology LD5530GL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LD5530
6
Leadtrend Technology Corporation
LD5530-DS-00
Oct. 2013
PARAMETER
CONDITIONS
SYM.
MIN
TYP
MAX
UNITS
Over Voltage Protection (CS/OVP pin)
OVP Trip Current Level
VCSOVP
0.186
0.2
0.214
V
De-bounce Cycle
*
TD-CSOVP
---
8
---
Cycle
Oscillator for Switching Frequency
Frequency, FREQ
FSW
63
65
67
kHz
Green
Mode
Frequency,
FREQG
FSW-GREEN
21.5
25
28
kHz
Frequency Swapping
VCOMP>3V
FSW-MOD
---
 5.0
---
kHz
Temp. Stability
(-20
C ~85C)*
FSW-TS
0
5
---
%
Voltage Stability
(VCC=11V-25V)*
FSW-VS
0
1
---
%
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
VOL
---
---
1
V
Output High Level
VCC=15V, Io=20mA
VOH
8
---
15
V
Output High Clamp Level
VCC=20V
VO-CLAMP
13
15
17
V
Rising Time
Load
Capacitance=1000pF*
Tr
---
150
250
ns
Falling Time
Load
Capacitance=1000pF*
Tf
---
50
75
ns
Max. Duty
MXD
71
75
79
%
OLP (Over Load Protection)
OLP Trip Level
VOLP
4.3
4.5
4.7
V
OLP Delay Time at start-up
OLP + Soft start*
TD-OLPSS
---
71.5
---
ms
OLP Delay Time after start-up
TD-OLP
60
65
70
ms
OTP Pin Latch Protection (OTP Pin)
OTP Pin Source Current
IOTP
93
100
107
A
OTP Turn-On Trip Level
VOTP-ON
1.00
1.05
1.10
V
OTP Turn-Off Trip Level
VOTP-OFF
0.9
0.95
1.0
V
OTP Turn-Off Trip Resistance
=VOTP-OFF/IOTP*
ROTP
8.75
9.5
10.25
k
OTP pin de-bounce time
VCOMP > 3V
TD-OTP
400
500
600
s
Internal OTP Latch Protection
OTP Tripped Level
*
TINOTP
---
140
---
℃
OTP Hysteresis
*
TINOTP-HYS
---
30
---
℃
*: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com