Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD0259F Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FD0259F
Description  Smart motor driver with embedded Hall sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0259F Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FD0259F Datasheet HTML 1Page - Feeling Technology Corp. FD0259F Datasheet HTML 2Page - Feeling Technology Corp. FD0259F Datasheet HTML 3Page - Feeling Technology Corp. FD0259F Datasheet HTML 4Page - Feeling Technology Corp. FD0259F Datasheet HTML 5Page - Feeling Technology Corp. FD0259F Datasheet HTML 6Page - Feeling Technology Corp. FD0259F Datasheet HTML 7Page - Feeling Technology Corp. FD0259F Datasheet HTML 8Page - Feeling Technology Corp. FD0259F Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FD0259f
Rev1.3 Aug. 12, 2009
P.4
FEELING
TECHNOLOGY
Recommended Operating Conditions
Values
Parameter
Conditions
min.
typ.
max.
Unit
Supply Voltage (VDD)
-
1.8
5.5
V
Ambient Temperature (Ta)
-
-20
105
℃
Electrical Characteristics VDD=5.0V, Ta=25℃
℃
℃
℃
(unless otherwise specified)
Values
Parameter
Conditions
min.
typ.
max.
Unit
Average Supply Current(no load)
3
mA
Output Saturation Voltage(FG)
Iout= 5mA
0.4
V
Output Leakage Current(FG)
Vout=5V
1
µA
On resistance(Rpmos+Rnmos)
0.8
Thermal Shutdown Threshold
150
℃
Locked Rotor Period(TON)
0.4
s
Locked Rotor Period(TOFF)
2.8
s
Magnetic Characteristics
Values
Parameter
Conditions
min.
typ.
max.
Unit
Operate Points( BOP )
15
G
Release Points( BRP )
-15
G
Hysteresis( BHYS )
30
G
Hysteresis Characteristics
Figure.5
NO
SO
V
Brp
Bop
B
Bop
Brp
V
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com