Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1722 Datasheet(PDF) 8 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1722
Description  LCD Driver control circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1722 Datasheet(HTML) 8 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1722 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1722 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LCD
LCD
LCD
LCD 驱动控制
驱动控制
驱动控制
驱动控制专用电路
专用电路
专用电路
专用电路
TM1722
TM1722
TM1722
TM1722
- 8 -
www.szpth.com
V1.1
CLK
DIO
STB
Command1
Command2
Command3
Command4
Data1
Data2
Command5
```````
Command1: 设置工作模式
Command2: 设置数据命令
Command3: 设置显示地址1
Data1: 传输显示数据1至Command3设定地址内
Command4: 设置显示地址2
Data2: 传输显示数据2至Command4设定地址内
Command5: 显示控制命
十一
十一
十一
十一、
、
、
、引脚驱动波形
引脚驱动波形
引脚驱动波形
引脚驱动波形
给出使用 1/4 复用,1/3 偏压驱动下显示“2”的波形:
V3=VDD(VDD 为 LCD 供电电压)
V2=2/3VDD
V1=1/3VDD
V0=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com