Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1806 Datasheet(PDF) 4 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1806
Description  6 way led
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1806 Datasheet(HTML) 4 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1806 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1806 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6
66
6 通道带反馈控制
通道带反馈控制
通道带反馈控制
通道带反馈控制 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 IC TM1806
IC TM1806
IC TM1806
IC TM1806
第 4 页 共 6 页
www.szpth.com
)
输出电流上升时间 (开启,
上升从 10% 到 90%)
tON
0.5
1
2
us
输出电流下降时间 (关闭,
下降从 90% 到 10%)
tOFF
0.5
1
2
us
电气特性:
VDD=12V, TA=25°C. (除非另外标明)
参数
符号
条件
最小
典型
最大
Unit
电源电压
VDD
6
12
50
V
端口输出耐压
VDS
OUT1 ~ OUT 6
75
V
输出电流
IOUTn
DC Test
Circuit
5
60
mA
“H” level
VIH
2
5
V
输入电
压
“L” level
VIL
GND
0.8
V
OE 输入滞回电压
200
mV
输出漏电流
IOH
VDS=40V
0.5
uA
VDS=0.6V,
RSET=2.4K
27.9
30.0
32.1
平均输出电流
IOUT
VDS=0.7V,
RSET=1.2K
55.8
60.0
64.2
mA
VDS=0.6V,
RSET=2.4k
±1
±3
输出电流偏差
△
IOUTn
VDS=0.7V,
RSET=1.2k
±1
±3
%
输出电流与电压变化比
%/△
VDS
VDS =0.6V ~
3.0V
±
0.1
-
%/V
上拉电阻, OE, STD
RIN
(up)
0.5
1
1.5
M
过温保护温度
TX
When TJ
approaches TX
and OUT is shut
off
160
温度保护滞回温度
25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com